Electronic Components Datasheet Search
  English  ▼

X  

BF091M Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BF091M
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BF091M Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

  BF091M Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BF091M Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BF091M Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
Gas
Pre
Hea
Ave
(T
TS(
Ref
Pea
Tim
Tem
Ram
Tim
Do
Pa
Ref
3
www.be
s Discharge
Reflow
e
at
Temper
Temper
Time
erage ramp up r
TL) to peal
(max) to TL - Ra
flow
- Te
(Li
- Te
ak Temperature
me within 5°C o
mperature (tp)
mp-down Rate
me 25°C to peak
not exceed
ackage
Re
flow Profile
Outline
TAPING
encent.com
e Tube
w Condition
rature Min
rature Max
(min to max)
rate(Liquids)
amp-up Rate
emperature (TL)
quids)
emperature (TL)
(TP)
of actual peak
k Temperature (
eel
Inform
e
G
m.cn
Pb-
150°C
200°C
60 –
Tamp
3°C/s
3°C/s
)
217°C
)
60 –
260+
~10 s
6°C/s
(TP)
8 min
260°C
mation
Reel
(PCS)
1,000
-Free assembly
C
C
180 secs
second max
second max
C
150 seconds
+0/-5 °C
seconds
second max
nutes Max.
C
Per Car
(PCS
16,00
Customers sho
rton
S)
Re
00
S
uld verify actua
REF
A
B
d
P0
P1
P
E
F
W
D
D1
D2
W1
el Diameter (
330
TP
TL
TS(max)
TS(min)
25
t
Specifications a
al device perfor
F
m
5.3
4.5
Φ
1.
4.0
2.0
12.0
1.75
7.5
16.0
Φ
3
Φ
5
2
Φ
13
1
16.8
(mm)
L
36
time to peak temper
Preheat
Ra
tS
are subject to ch
rmance in their
Order C
Versi
mm
3±0.1
5±0.2
.5±0.1
0±0.1
0±0.1
0±0.1
5±0.1
5±0.1
0±0.3
330.0
0Min
3±0.15
8±2.0
Carton S
L
W
60
36
ature
amp-up
BF09
hange without n
specific applic
Code:
BF0
ion: A0 2013
inch
0.209±0.00
0.177±0.00
Φ
0.059±0.0
0.157±0.00
0.079±0.00
0.472±0.00
0.069±0.00
0.295±0.00
0.630±0.01
Φ
13.0
Φ
1.97Min
0.512±0.00
0.661±0.07
Size(mm)
W
H
60
38
tP
Ramp-down
Time
Critica
TL to T
TL
1M
notice.
ations
091M
-09-17
04
08
004
04
04
04
04
04
12
n
06
79
H
80
al Zone
TP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com