Electronic Components Datasheet Search
  English  ▼

X  

BV_SD05 Datasheet(PDF) 4 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV_SD05
Description  Ultra low capacitance - 320pF maximum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV_SD05 Datasheet(HTML) 4 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV_SD05 Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV_SD05 Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV_SD05 Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV_SD05 Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
BV_SD05
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:BV_SD05
Version: A0 2014-04-29
Transient Voltage Suppressor
Reflow Condition
Pb-Free
assembly
Pre Heat
Temperature Min
150°C
Temperature Max
200°C
Time (min to max)
60 – 180 secs
Average ramp up rate(Liquidus)Tamp(TL)
to peak
3°C/s max
TS(max) to TL - Ramp-up Rate
3°C/s max
Reflow
- Temperature (TL) (Liquidus)
217°C
- Temperature (TL)
60 – 150 secs
Peak Temperature (TP)
260+0/-5 °C
Time within 5°C of actual peak Temperature
(TP)
8– 15secs
Ramp-down Rate
6°C/s max
Time 25°C to peak Temperature (TP)
8 min max.
Do not exceed
260°C
REF
mm
inch
A
1.46+/-0.1
0.057+/-0.004
B
2.9+/-0.1
0.114+/-0.004
d
1.25+/-0.1
0.049+/-0.004
D
178+/-1.0
7.01+/-0.039
D1
55+/-3
2.165+/-0.118
D2
13+/-0.5
0.512+/-0.020
E
1.75+/-0.1
0.069+/-0.004
F
3.5+/-0.2
0.138+/-0.008
P
4.0+/-0.2
0.158+/-0.008
P0
4.0+/-0.2
0.158+/-0.008
P1
2.0+/-0.2
0.079+/-0.008
W
8.0+/-0.2
0.315+/-0.008
W1
14.4+/-0.5
0.567+/-0.020
OUTLINE
REEL
(PCS)
PER CARTON
(PCS)
CARTON SIZE(mm)
L
W
H
TAPING
3,000
90,000
390
370
220
Package Reel Information
Reflow Profile
TP
TL
TS(max)
25
time to peak temperature
Time
Critical Zone
TL to TP
TP
Ramp-up
TS(min)
Preheat
Ramp-down
TL
TS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com