Electronic Components Datasheet Search
  English  ▼

X  

BV_SD05 Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV_SD05
Description  Ultra low capacitance - 320pF maximum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV_SD05 Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV_SD05 Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV_SD05 Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV_SD05 Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV_SD05 Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
BV_SD05
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:BV_SD05
Version: A0 2014-04-29
Transient Voltage Suppressor
IEC 61000-4-2(ESD)±15KV(air), ±8KV(contact)
350Watts peak pulse power (tp=8/20μ S)
Ultra low capacitance:320pF maximum
Low clamping voltage
Moisture sensitivity level:Level 1
Weight 5.0 mg
Small package:SOD-323
xDSL secondary
USB power
Part
Number
IDRM@VDRM
VBR①@IR
Vc@Ipp②
Vc@Ipp②
CO③
μA
V
V
mA
V
A
V
A
pF
MAX
MIN
MAX
MAX
MAX
BV_SD05
5
5
6
1
9.8
1
15
24
320
Absolute maximum ratings measured at T= 25ºC RH = 45%-75% (unless otherwise noted).
① VBR is measured at IR=1mA
②Surge Waveform: 8/20μ S.
③Off-state capacitance is measured in VDC=0V,VRMS=1V,f=1MHz
Part Number and Electrical Parameter
BV
SD05
(1)
(2)
Part Numbering System
Mark
B42LC
5U: Part Number
Application information
rmation
Features
Exterior
0909
Agency Approvals
Icon
Description
Compliance with 2011/65/EU
Compliance withIEC61249-2-21:2003
Mean lead free
B006U2G
0909
(1) Bencent Transient Voltage Suppressor
(2) Series: 05 etc.
SOD-323
5U


Similar Part No. - BV_SD05

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV-SLC2512T BENCENT-BV-SLC2512T Datasheet
415Kb / 4P
Transient Voltage Suppressor
BV-SMAJ100A BENCENT-BV-SMAJ100A Datasheet
159Kb / 5P
Transient Voltage Suppressor
BV-SMAJ100CA BENCENT-BV-SMAJ100CA Datasheet
159Kb / 5P
Transient Voltage Suppressor
BV-SMAJ10A BENCENT-BV-SMAJ10A Datasheet
159Kb / 5P
Transient Voltage Suppressor
BV-SMAJ10CA BENCENT-BV-SMAJ10CA Datasheet
159Kb / 5P
Transient Voltage Suppressor
More results

Similar Description - BV_SD05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03_07 Datasheet
71Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_07 Datasheet
79Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
Ultra Low Capacitance
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
ULTRA LOW CAPACITANCE
logo
Shenzhen Bencent Electr...
BV03DW BENCENT-BV03DW Datasheet
481Kb / 4P
Ultra low capacitance - 3.0 pF maximum
BV05C BENCENT-BV05C Datasheet
306Kb / 4P
Ultra low capacitance - 1.5pF maximum
BV08C BENCENT-BV08C Datasheet
305Kb / 4P
Ultra low capacitance - 1.5pF maximum
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
Ultra low isolation capacitance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com