Electronic Components Datasheet Search
  English  ▼

X  

BV03CL Datasheet(PDF) 4 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03CL
Description  Low clamping voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03CL Datasheet(HTML) 4 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03CL Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03CL Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03CL Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03CL Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
Tra
Pa
www.ben
ansient Vo
Outline
Taping
ackage Re
ncent.com.c
oltage Sup
Re
(pc
3,0
el Inform
n
ppressor
eel
cs)
00
mation
Per Carton
(pcs)
90,000
Customers sho
Ree
S
uld verify actua
REF
A
B
d
D
D1
D2
E
F
P
P0
P1
W
W1
el Diameters
(mm)
177
Specifications a
al device perfor
mm
1.46+/-0.
2.9+/-0.1
1.25+/-0.
178+/-1.0
55+/-3
13+/-0.5
1.75+/-0.
3.5+/-0.2
4.0+/-0.2
4.0+/-0.2
2.0+/-0.2
8.0+/-0.2
14.4+/-0.
L
390
are subject to ch
rmance in their
Order C
Version
i
1
0.057+
1
0.114+
1
0.049+
0
7.01+
2.165+
5
0.512+
1
0.069+
2
0.138+
2
0.158+
2
0.158+
2
0.079+
2
0.315+
5
0.567+
Carton Size(
W
370
BV03
hange without n
specific applic
Code:BV03C
n: A0 2014-02
nch
+/-0.004
+/-0.004
+/-0.004
+/-0.039
+/-0.118
+/-0.020
+/-0.004
+/-0.008
+/-0.008
+/-0.008
+/-0.008
+/-0.008
+/-0.020
(mm)
H
220
3CL
notice.
ations
CL
2-17



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com