Electronic Components Datasheet Search
  English  ▼

X  

BV03CL Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03CL
Description  Low clamping voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03CL Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03CL Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03CL Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03CL Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03CL Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
Tra
Pre
Ave
Tem
TS(m
Ref
Pea
Tim
(TP
Ram
Tim
Do
Ref
Pro
Re
www.ben
ansient Vo
Reflow
Heat
Temp
Temp
Time
erage ramp up
mp(TL) to peak
max)
to TL - Ra
flow
- T
(L
- T
ak Temp (TP)
me within 5°C
)
mp-down Rate
me 25°C to pea
not exceed
flow Profile
oduct Dime
ecommende
C
ncent.com.c
oltage Sup
Condition
perature Min.
perature Max.
e(Min to Max)
rate(Liquidus
k)
amp-up Rate
Temperature (T
Liquidus)
Temperature (T
of actual Peak
e
ak Temp (TP)
e
ensions
d Soldering
A
B
n
ppressor
Pb-F
+150
+200
60 –
3°C/
3°C/
TL)
+217
TL)
60 –
+(26
k Temp
8 – 1
6°C/
8 min
+260
g Pad
Free Assembly
0°C
0°C
180 secs.
/sec. Max.
/sec. Max.
7°C
150 secs.
60+0/-5 )°C
5 secs.
/sec. Max.
n. Max.
0°C
D
Customers sho
y
T
2
T
S
uld verify actua
REF
A
A1
b
c
D
E
H
L
Q1
REF
A
B
C
D
TP
TL
TS(max)
25
tim
TS(min)
Specifications a
al device perfor
F
m
1.17(
0.1(m
0.3±
0.17±
1.7±
1.3±
2.5±
0.28±
0.25±
mm
3.2
1.0
1.0
0.5
me to peak temperatu
Ram
TS
Preheat
are subject to ch
rmance in their
Order C
Version
mm
(max)
max)
±
0.1
±0.08
±0.11
±0.1
±0.2
±
0.18
±0.15
m
0
8
6
4
ure
T
mp-up
T
BV03
hange without n
specific applic
Code:BV03C
n: A0 2014-02
inch
0.046(max
0.004(max
0.012±0.00
0.007±0.00
0.065±0.00
0.050±0.006
0.098±0.00
0.011±0.00
0.010±0.00
inch
0.126
0.043
0.042
0.021
Time
Critical
TL to TP
TL
TP
Ramp-dow
TL
3CL
notice.
ations
CL
2-17
x)
x)
04
32
55
66
79
071
59
Zone
P
wn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com