Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 4 Page - Texas Instruments

  TMP107 Datasheet HTML 1Page - Texas Instruments TMP107 Datasheet HTML 2Page - Texas Instruments TMP107 Datasheet HTML 3Page - Texas Instruments TMP107 Datasheet HTML 4Page - Texas Instruments TMP107 Datasheet HTML 5Page - Texas Instruments TMP107 Datasheet HTML 6Page - Texas Instruments TMP107 Datasheet HTML 7Page - Texas Instruments TMP107 Datasheet HTML 8Page - Texas Instruments TMP107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
GND
V+
R1
ALERT1
I/O1
2
6
8
7
1
ALERT2
I/O2
R2
4
3
5
TMP107-Q1
SBOS726A – OCTOBER 2015 – REVISED OCTOBER 2015
www.ti.com
6 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
V+
—
Supply voltage, 1.7 V to 5.5 V
2
R1
I
Built-in pullup resistor for ALERT1; float or connect to V+
3
I/O1
I/O
SMAART wire input, output 1
4
ALERT1
O
Over- and undertemperature alert. Open-drain output; internally connected to pullup resistor R1.
5
GND
—
Ground
6
ALERT2
O
Over- and undertemperature alert. Open-drain output; internally connected to pullup resistor R2.
7
I/O2
I/O
SMAART wire input, output 2
8
R2
I
Built-in pullup resistor for ALERT2; float or connect to V+
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com