Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 5Page - Texas Instruments TMP107 Datasheet HTML 6Page - Texas Instruments TMP107 Datasheet HTML 7Page - Texas Instruments TMP107 Datasheet HTML 8Page - Texas Instruments TMP107 Datasheet HTML 9Page - Texas Instruments TMP107 Datasheet HTML 10Page - Texas Instruments TMP107 Datasheet HTML 11Page - Texas Instruments TMP107 Datasheet HTML 12Page - Texas Instruments TMP107 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Temperature (GC)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
0
5
10
15
20
25
30
5.5 V
3.3 V
1.7 V
Power Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
250
275
300
325
350
375
400
425
450
475
500
+125C
+25C
40C
Temperature (GC)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
0
1
2
3
4
5
6
7
8
5.5 V
3.3 V
1.7 V
Bus Speed (KBaud)
0
10
20
30
40
50
60
70
80
90 100 110 120
0
25
50
75
100
125
150
175
200
225
250
5.5 V
4.4 V
3.3 V
2.2 V
1.7 V
Power Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
55GC
20GC
+25GC
+80GC
+125GC
Temperature (GC)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
120
135
150
165
180
195
210
225
240
255
270
285
300
315
330
5.5V
3.3V
1.7V
TMP107-Q1
www.ti.com
SBOS726A – OCTOBER 2015 – REVISED OCTOBER 2015
Typical Characteristics (continued)
at TA = 25°C and V+ = 3.3 V (unless otherwise noted)
One-shot mode
No bus communication
Figure 8. Temperature Error vs Power Supply Voltage
Figure 9. Continuous-Conversion Current vs Temperature
Shutdown mode
Figure 10. Shutdown Current vs Temperature
Figure 11. Quiescent Current vs SMAART Wire Bus Speed
1 conversion per second
Figure 13. EEPROM Programming (Write) Current
Figure 12. Average Quiescent Current vs Temperature
vs Power Supply Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP107-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com