Electronic Components Datasheet Search
  English  ▼

X  

OPA4170 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4170
Description  36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4170 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA4170 Datasheet HTML 9Page - Texas Instruments OPA4170 Datasheet HTML 10Page - Texas Instruments OPA4170 Datasheet HTML 11Page - Texas Instruments OPA4170 Datasheet HTML 12Page - Texas Instruments OPA4170 Datasheet HTML 13Page - Texas Instruments OPA4170 Datasheet HTML 14Page - Texas Instruments OPA4170 Datasheet HTML 15Page - Texas Instruments OPA4170 Datasheet HTML 16Page - Texas Instruments OPA4170 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Time(100 s/div)
m
+18V
-18V
37V
PP
SineWave
( 18.5V)
±
OPA170
OPA170
OPA2170
OPA4170
www.ti.com
SBOS557B – AUGUST 2011 – REVISED SEPTEMBER 2012
APPLICATION INFORMATION
The
OPAx170
family
of
operational
amplifiers
This device can operate with full rail-to-rail input
provides high overall performance. These devices are
100mV beyond the positive rail, but with reduced
ideal for many general-purpose applications. The
performance within 2V of the positive rail. The typical
excellent offset drift of only 2µV/°C provides excellent
performance in this range is summarized in Table 2.
stability
over
the
entire
temperature
range.
In
addition,
the
device
offers
very
good
overall
PHASE-REVERSAL PROTECTION
performance with high CMRR, PSRR, and AOL. As
The OPAx170 family has an internal phase-reversal
with all amplifiers, applications with noisy or high-
protection. Many op amps exhibit a phase reversal
impedance
power
supplies
require
decoupling
when the input is driven beyond its linear common-
capacitors placed close to the device pins. In most
mode range. This condition is most often encountered
cases, 0.1µF capacitors are adequate.
in noninverting circuits when the input is driven
beyond the specified common-mode voltage range,
OPERATING CHARACTERISTICS
causing the output to reverse into the opposite rail.
The OPAx170 family of amplifiers is specified for
The input of the OPAx170 prevents phase reversal
operation from 2.7V to 36V (±1.35V to ±18V). Many
with excessive common-mode voltage. Instead, the
of the specifications apply from –40°C to +125°C.
output
limits
into
the
appropriate
rail.
This
Parameters that can exhibit significant variance with
performance is shown in Figure 37.
regard to operating voltage or temperature are
presented in the Typical Characteristics.
GENERAL LAYOUT GUIDELINES
For best operational performance of the device, good
printed circuit board (PCB) layout practices are
recommended. Low-loss, 0.1µF bypass capacitors
should be connected between each supply pin and
ground, placed as close to the device as possible. A
single bypass capacitor from V+ to ground is
applicable to single-supply applications.
COMMON-MODE VOLTAGE RANGE
The input common-mode voltage range of the
Figure 37. No Phase Reversal
OPAx170 series extends 100mV below the negative
rail and within 2V of the positive rail for normal
operation.
Table 2. Typical Performance Range
PARAMETER
MIN
TYP
MAX
UNIT
Input Common-Mode Voltage
(V+) – 2
(V+) + 0.1
V
Offset voltage
7
mV
vs Temperature
12
µV/°C
Common-mode rejection
65
dB
Open-loop gain
60
dB
Gain-bandwidth product
0.3
MHz
Slew rate
0.3
V/µs
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA170 OPA2170 OPA4170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com