Electronic Components Datasheet Search
  English  ▼

X  

OPA4170 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4170
Description  36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4170 Datasheet(HTML) 3 Page - Texas Instruments

  OPA4170 Datasheet HTML 1Page - Texas Instruments OPA4170 Datasheet HTML 2Page - Texas Instruments OPA4170 Datasheet HTML 3Page - Texas Instruments OPA4170 Datasheet HTML 4Page - Texas Instruments OPA4170 Datasheet HTML 5Page - Texas Instruments OPA4170 Datasheet HTML 6Page - Texas Instruments OPA4170 Datasheet HTML 7Page - Texas Instruments OPA4170 Datasheet HTML 8Page - Texas Instruments OPA4170 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
OPA170
OPA2170
OPA4170
www.ti.com
SBOS557B – AUGUST 2011 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VCM = VOUT = VS/2, and RL = 10kΩ connected to VS/2, unless otherwise noted.
OPA170, OPA2170, OPA4170
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input offset voltage
VOS
0.25
±1.8
mV
Over temperature
±2
mV
Drift
dVOS/dT
±0.3
±2
µV/°C
vs power supply
PSRR
VS = +4V to +36V
1
±5
µV/V
Channel separation, dc
dc
5
µV/V
INPUT BIAS CURRENT
Input bias current
IB
±8
±15
pA
Over temperature
±3.5
nA
Input offset current
IOS
±4
±15
pA
Over temperature
±3.5
nA
NOISE
Input voltage noise
f = 0.1Hz to 10Hz
2
µVPP
f = 100Hz
22
nV/
√Hz
Input voltage noise density
en
f = 1kHz
19
nV/
√Hz
INPUT VOLTAGE
Common-mode voltage range(1)
VCM
(V–) – 0.1V
(V+) – 2V
V
VS = ±2V, (V–) – 0.1V < VCM < (V+) – 2V
90
104
dB
Common-mode rejection ratio
CMRR
VS = ±18V, (V–) – 0.1V < VCM < (V+) – 2V
104
120
dB
INPUT IMPEDANCE
Differential
100 || 3
M
Ω || pF
Common-mode
6 || 3
1012
Ω || pF
OPEN-LOOP GAIN
VS = +4V to +36V, (V–) + 0.35V < VO < (V+) –
Open-loop voltage gain
AOL
110
130
dB
0.35V
FREQUENCY RESPONSE
Gain bandwidth product
GBP
1.2
MHz
Slew rate
SR
G = +1
0.4
V/µs
To 0.1%, VS = ±18V, G = +1, 10V step
20
µs
Settling time
tS
To 0.01% (12 bit), VS = ±18V, G = +1, 10V step
28
µs
Overload recovery time
VIN × Gain > VS
2
µs
Total harmonic distortion + noise
THD+N
G = +1, f = 1kHz, VO = 3VRMS
0.0002
%
OUTPUT
Voltage output swing from rail
VO
IL = 0mA, VS = +4V to +36V
10
mV
Positive rail
IL sourcing 1mA, VS = +4V to +36V
115
mV
IL = 0mA, VS = +4V to +36V
8
mV
Negative Rail
IL sinking 1mA, VS = +4V to +36V
70
mV
VS = 5V, RL = 10kΩ
(V–) + 0.03
(V+) – 0.05
V
Over temperature
RL = 10kΩ, AOL ≥ 110dB
(V–) + 0.35
(V+) – 0.35
V
Short-circuit current
ISC
+17/–20
mA
Capacitive load drive
CLOAD
See Typical Characteristics
pF
Open-loop output resistance
RO
f = 1MHz, IO = 0A
900
Ω
POWER SUPPLY
Specified voltage range
VS
+2.7
+36
V
Quiescent current per amplifier
IQ
IO = 0A
110
145
µA
Over temperature
IO = 0A
155
µA
(1)
The input range can be extended beyond (V+) – 2V up to V+. See the Typical Characteristics and Application Information sections for
additional information.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA170 OPA2170 OPA4170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com