Electronic Components Datasheet Search
  English  ▼

X  

VT82885 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VT82885
Description  Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82885 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VT82885 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
VT82885
Real Time Clock
VIA Technologies, Inc.
E. Periodic Interrupt Flag (PF) bit is cleared
to zero.
F. The device is not accessible until
RESET# is returned high.
G. Alarm Interrupt Flag (AF) bit is cleared to
zero.
H. IRQ# pin is in the high impedence state.
I.
Square Wave Output Enable (SQWE)
bit is cleared to zero.
J.
Update Ended Interrupt Enable (UIE) is
cleared to zero.
In a typical application RESET# can be
connected to VCC. This connection will allow
the VT82885 to go in and out of power fail
without affecting any of the control registers.
ADDRESS MAP
The address map of the VT82885 is shown
in Figure 2. The address map consists of
114 bytes of user RAM, 10 bytes of RAM
that contain the RTC time, calendar and
alarm data, and four bytes which are used
for control and status. All 128 bytes can be
directly written or read except the following:
1.
Registers C and D are read-only.
2.
Bit 7 of Register A is read-only.
3.
The high order bit of the seconds byte is
read-only.
The contents of four registers (A, B, C and
D) are described in the “Register” section.
FIGURE 2: ADDRESS MAP VT82885
TIME, CALENDAR AND ALARM
LOCATIONS
The time and calendar information is
obtained by reading the appropriate memory
bytes. The time, calendar and alarm are set
or initialized by writing the appropriate RAM
bytes. The contents of the ten time, calen-
dar and alarm bytes can be either Binary or
Binary-Coded Decimal (BCD) format. Be-
fore writing the internal time, calendar and
alarm registers, the SET bit in Register B
0
SECONDS
00
1
SECONDS ALARM
01
2
MINUTES
02
3
MINUTES ALARM
03
4
HOURS
04
5
HOURS ALARM
05
6
DAY OF THE WEEK
06
7
DAY OF THE MONTH
07
8
MONTH
08
9
YEAR
09
10
REGISTER A
0A
11
REGISTER B
0B
12
REGISTER C
0C
13
REGISTER D
0D
127
0
00
OD
0E
13
14
7F
14 Bytes
Clock and Control
Status Registers
114 Bytes
Storage
Registers
Binary or BCD Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com