Electronic Components Datasheet Search
  English  ▼

X  

VT82885 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # VT82885
Description  Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82885 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button VT82885 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
VT82885
Real Time Clock
VIA Technologies, Inc.
CURRENT SUPPLIED
FROM EXTERNAL
LITHIUM ENERGY CELL
tR
CS#
tF
VBAT
4.5V
VCC
tREC
DATA RETENTION
tDR
tPD
POWER DOWN/POWER UP TIMING
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CS# at VIH before Power-Down
tPD
0
µs
VCC slew from 4.5V to 0V
(CS# at VIH)
tF
300
µs
VCC slew from 0V to 4.5V
(CS# at VIH)
tR
100
µs
CS# at VIH after Power-Up
tREC
20
200
ms
(tA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Expected Data Retention
tDR
10
years
NOTE
The real time clock will keep time to an
accuracy of
±1 minute per month during data
retention time for the period of tDR.
WARNING
Under no circumstances are negative
undershots, of any amplitude, allowed when
device is in battery backup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com