Electronic Components Datasheet Search
  English  ▼

X  

LM95172 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM95172
Description  13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95172 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM95172 Datasheet HTML 12Page - Texas Instruments LM95172 Datasheet HTML 13Page - Texas Instruments LM95172 Datasheet HTML 14Page - Texas Instruments LM95172 Datasheet HTML 15Page - Texas Instruments LM95172 Datasheet HTML 16Page - Texas Instruments LM95172 Datasheet HTML 17Page - Texas Instruments LM95172 Datasheet HTML 18Page - Texas Instruments LM95172 Datasheet HTML 19Page - Texas Instruments LM95172 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LM95172
SNOSB33B – DECEMBER 2009 – REVISED MARCH 2013
www.ti.com
Reset Conditions: Upon Power-on Reset.
THIGH: Upper Limit Register
(Read/Write) Pointer Address: 82h (Read); 02h (Write)
D15
D14
D13
D12
D11
D10
D9
D8
Sign
128°C
64°C
32°C
16°C
8°C
4°C
2°C
D7
D6
D5
D4
D3
D2
D1
D0
1°C
0.5°C
0.25°C
Reserved
Bit <15:5>: Upper-Limit Temperature byte. If the measured temperature, stored in the temperature register,
exceeds this user-programmable temperature limit, the OVERTEMP pin will assert and the THIGH flag in the
Control/Status register will be set to "1".
Bit <4:0>: Reserved. Returns all zeroes when read.
Reset State: 4880h (+145°C)
Reset Conditions: Upon Power-on Reset.
TLOW: Lower Limit Register
(Read/Write) Pointer Address: 83h (Read); 03h (Write)
D15
D14
D13
D12
D11
D10
D9
D8
Sign
128°C
64°C
32°C
16°C
8°C
4°C
2°C
D7
D6
D5
D4
D3
D2
D1
D0
1°C
0.5°C
0.25°C
Reserved
Bit <15:5>: Lower-Limit Temperature byte. If the measured temperature that is stored in the temperature register
falls below this user-programmable temperature limit, the OVERTEMP pin will not assert and the TLOW flag in the
Control/Status register will be set to "1".
Bit <4:0>: Reserved. Returns all zeroes when read.
Reset State: 4600h (+140°C)
Reset Conditions: Upon Power-on Reset.
MFGID: Manufacturer, Product, and Step ID Register
(Read Only) Pointer Address: 87h
D15
D14
D13
D12
D11
D10
D9
D8
1
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
0
0
0
Bit <15:8>: Manufacturer Identification Byte. Always returns 80h to uniquely identify the manufacturer as Texas
Instruments Corporation.
Bit <7:4>: Product Identification Nibble. Always returns 30h to uniquely identify this part as the LM95172EWG.
Bit <3:0>: Die Revision Nibble. Returns 0h to uniquely identify the revision level as zero.
Reset State: 8030h
Reset Conditions: Upon Power-on Reset.
16
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM95172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com