Electronic Components Datasheet Search
  English  ▼

X  

LM95172 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM95172
Description  13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95172 Datasheet(HTML) 3 Page - Texas Instruments

  LM95172 Datasheet HTML 1Page - Texas Instruments LM95172 Datasheet HTML 2Page - Texas Instruments LM95172 Datasheet HTML 3Page - Texas Instruments LM95172 Datasheet HTML 4Page - Texas Instruments LM95172 Datasheet HTML 5Page - Texas Instruments LM95172 Datasheet HTML 6Page - Texas Instruments LM95172 Datasheet HTML 7Page - Texas Instruments LM95172 Datasheet HTML 8Page - Texas Instruments LM95172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
VDD IO
GND
SI/O
LM95172EWG
CS
SC
VDD ANALOG
VDD IO
Microcontroller
3.0 to 5.5 Volts
GND
RPULL-UP
10k
OVERTEMP
OVERTEMP
LM95172
www.ti.com
SNOSB33B – DECEMBER 2009 – REVISED MARCH 2013
Typical Application
Figure 2. Microcontroller Interface - normal connection
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VDD ANALOG and VDD IO Supply Voltages
−0.2V to 6.0V
Voltage at any Pin
−0.2V to (VDD IO + 0.2V)
Input Current at any Pin
5 mA
Storage Temperature
−65°C to +175°C
Soldering Information
Infrared or Convection
(20 sec.)
235°C
ESD Susceptibility (2)
Human Body Model
2500 V
Machine Model
250 V
Charged Device Model
1000 V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The Operating Ratings indicate conditions at which the
device is functional and the device should not be operated beyond such conditions.
(2)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. The
Charged Device Model (CDM) is a specified circuit characterizing an ESD event that occurs when a device acquires charge through
some triboelectric (frictional) or electrostatic induction processes and then abruptly touches a grounded object or surface.
Operating Ratings
Specified Temperature Range
−40°C to +200°C
Analog Supply Voltage Range
+3.0V to +5.5V
VDD ANALOG
Digital Supply Voltage Range
+3.0V to +5.5V
VDD IO
Package Thermal Resistances
Package
θJA
10-Lead CERPACK
175°C/W
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM95172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com