Electronic Components Datasheet Search
  English  ▼

X  

CS5336-TC Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5336-TC
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336-TC Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5336-TC Datasheet HTML 25Page - Cirrus Logic CS5336-TC Datasheet HTML 26Page - Cirrus Logic CS5336-TC Datasheet HTML 27Page - Cirrus Logic CS5336-TC Datasheet HTML 28Page - Cirrus Logic CS5336-TC Datasheet HTML 29Page - Cirrus Logic CS5336-TC Datasheet HTML 30Page - Cirrus Logic CS5336-TC Datasheet HTML 31Page - Cirrus Logic CS5336-TC Datasheet HTML 32Page - Cirrus Logic CS5336-TC Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
INPUT/OUTPUT
CONNECTOR
SIGNAL PRESENT
+15
-15
AGND
AINL
AINR
SDATA
input
output
output/input
input
input
input
input
+15 Volts from power supply
-15 Volts from power supply
analog ground connection from power supply
left channel analog input
right channel analog input
left /right channel signal
serial output data
SCLK
output/input
serial output clock
EXTCLKIN
external master clock input
input
L/R
DGND
input
digital ground connection from power supply
+5
input
+5V for ADC VD+ and discrete logic
DIGITAL OUTPUT
output
CS8402 digital output via transformer
FSYNC
output/input
data framing signal
P3
output/input
CS8402 C,U,V inputs; CBL output
P1
output
parallel output data
P6
P7
P5
P2
JUMPER
PURPOSE
POSITION
FUNCTION SELECTED
selects channel for serial to
parallel conversion
selects master clock source
for CS5326 CLKIN
selects offset calibration
input source
offset calibration
AINL and AINR selected during
ZEROL and ZEROR selected during
offset calibration
CLKIN provided by U3
CLKIN provided by EXTCLKIN BNC
left channel data presented on P1
right channel data presented on P1
left then right channel data
alternately presented on P1
AIN
*ZERO
*L
R
B
*DRDY
L/R
*INT
EXT
* Default setting from factory
selects L/R or DRDY as the
output status signal presented
on P1
DRDY selected to signal the arrival of
new data for the selected channel
L/R selected
P8, P9
selects optional input buffers
*IN
OUT
Buffer amplifier in circuit
Buffer amplifier bypassed
P4
selects device type
5337/39
5336/38
Correct SCLK for CS5337 & CS5339
Correct SCLK for CS5336 & CS5338
Table 2. Jumper Selectable Options
Table 1. System Connections
CDB5336,8,9
DS23DB5
3-67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com