Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6629 Datasheet HTML 17Page - Texas Instruments LMH6629 Datasheet HTML 18Page - Texas Instruments LMH6629 Datasheet HTML 19Page - Texas Instruments LMH6629 Datasheet HTML 20Page - Texas Instruments LMH6629 Datasheet HTML 21Page - Texas Instruments LMH6629 Datasheet HTML 22Page - Texas Instruments LMH6629 Datasheet HTML 23Page - Texas Instruments LMH6629 Datasheet HTML 24Page - Texas Instruments LMH6629 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
RT
Rc
Cc
Rf
Rg
Rs
VIN
Rp
Rc
Cc
Rf
R1
Rs
VIN
a) Non-inverting
b) Inverting
HI
pin =
COMP
1
R
R
R
s
g
+
=
g
f
EQ
R
R
R
||
=
T
s
p
R
R
R
||
=
:
1
Constraint
:
2
Costraint
MHz
90
1
@
R
C
c
c
25
V/V
)
)(
R
(
g
10
1
J
+
+
1
R
R
EQ
p +
R
c
R
f
LMH6629
www.ti.com
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
Feature Description (continued)
Figure 50. External Compensation
This circuit operates by increasing the Noise Gain (NG) beyond the minimum stable gain of the LMH6629 while
maintaining a positive loop gain phase angle at 0 dB. There are two constraints shown in Figure 50: “Constraint
1” ensures that NG has increased to at least 10 V/V when the loop gain approaches 0dB, and “Constraint 2”
places an upper limit on the feedback phase lead network frequency to make sure it is fully effective in the
frequency range when loop gain approaches 0dB. These two constraints allow one to estimate the “starting
value” for Rc and Cc which may need to be fine tuned for proper response.
Here is an example worked out for more clarification:
•
Assume that the objective is to use the SOT-23-5 version of the LMH6629 for a closed loop gain of +3.7 V/V
using the technique shown in Figure 50.
•
Selecting Rf = 249 Ω → Rg = 91 Ω → REQ= 66.6 Ω.
•
For 50-
Ω source termination (Rs= 50 Ω), select RT= 50 Ω → Rp = 25 Ω.
•
Using “Constraint 1” (= 10V/V) allows one to compute Rc
≊ 56 Ω. Using “Constraint 2” (= 90 MHz) defines the
appropriate value of Cc ≊ 33 pF.
•
The frequency response plot shown in Figure 51 is the measured response with Rc and Cc values computed
above and shows a -3 dB response of about 1 GHz.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com