Electronic Components Datasheet Search
  English  ▼

X  

LMH6629 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629 Datasheet(HTML) 3 Page - Texas Instruments

  LMH6629 Datasheet HTML 1Page - Texas Instruments LMH6629 Datasheet HTML 2Page - Texas Instruments LMH6629 Datasheet HTML 3Page - Texas Instruments LMH6629 Datasheet HTML 4Page - Texas Instruments LMH6629 Datasheet HTML 5Page - Texas Instruments LMH6629 Datasheet HTML 6Page - Texas Instruments LMH6629 Datasheet HTML 7Page - Texas Instruments LMH6629 Datasheet HTML 8Page - Texas Instruments LMH6629 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
6
7
8
5
3
2
1
4
OUT
COMP
PD
IN+
IN-
V
-
V
+
FB
V
-
DAP
OUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
LMH6629
www.ti.com
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
5-Pin
8-Pin
Package DBV
Package NGQ08A
Top View
Top View
Pin Functions
NUMBER
NAME
I/O
DESCRIPTION
DBV
NGQ08A
COMP
6
I
Compensation
FB
2
I/O
Feedback
-IN
4
3
I
Inverting input
+IN
3
4
I
Non-inverting input
OUT
1
7
O
Output
PD
1
I
Power Down
V-
2
5
I
Negative supply
V+
5
8
I
Positive supply
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com