Electronic Components Datasheet Search
  English  ▼

X  

LMP8278 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMP8278
Description  High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8278 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP8278 Datasheet HTML 8Page - Texas Instruments LMP8278 Datasheet HTML 9Page - Texas Instruments LMP8278 Datasheet HTML 10Page - Texas Instruments LMP8278 Datasheet HTML 11Page - Texas Instruments LMP8278 Datasheet HTML 12Page - Texas Instruments LMP8278 Datasheet HTML 13Page - Texas Instruments LMP8278 Datasheet HTML 14Page - Texas Instruments LMP8278 Datasheet HTML 15Page - Texas Instruments LMP8278 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Ri = 100 k: x
Gi - 14
Gi
Gi =
Ri - 100 k:
14 Ri
Rr = 100 k: x
14 - Gr
Gr
Gr =
Rr + 100 k:
14 Rr
LMP8278
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
www.ti.com
Note that the frequency response achieved using this procedure will only be accurate if the cut-off frequency of
the second order filter is much smaller than the intrinsic 90 kHz low-pass response. In other words, choose the
frequency response of the circuit such that the internal poles of the LMP8278 do not affect the external second
order filter.
For a desired Q = 0.707 and a cut off frequency = 3 kHz, this will result in rounded values for R2 = 200 kΩ, C1:C2
= 390 pF.
GAIN ADJUSTMENT
The gain of the LMP8278 is 14; however, this gain can be adjusted as the signal path in between the two internal
amplifiers is available on the external pins.
Reduce Gain
Figure 22 shows the configuration that can be used to reduce the gain of the LMP8278.
Rr creates a resistive divider together with the internal 100 kΩ resistor such that the reduced gain Gr becomes:
(12)
Given a desired value of the reduced gain Gr, using this equation the required value for Rr can be calculated
with:
(13)
Increase Gain
Figure 23 shows the configuration that can be used to increase the gain of the LMP8278.
Ri creates positive feedback from the output pin to the input of the buffer amplifier. The positive feedback
increases the gain. The increased gain Gi becomes:
(14)
From this equation, for a desired value of the gain, the required value of Ri can be calculated with:
(15)
It should be noted from the equation for the gain Gi that for large gains Ri approaches 100 kΩ. In this case, the
denominator in the equation becomes close to zero. In practice, for large gains the denominator will be
determined by tolerances in the values of the external resistor Ri and the internal 100 kΩ resistor. In this case,
the gain becomes very inaccurate. If the denominator becomes equal to zero, the system will even become
unstable. It is recommended to limit the application of this technique to gain values of 35 or smaller.
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMP8278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com