Electronic Components Datasheet Search
  English  ▼

X  

LMP8278 Datasheet(PDF) 15 Page - Texas Instruments

Part # LMP8278
Description  High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8278 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP8278 Datasheet HTML 11Page - Texas Instruments LMP8278 Datasheet HTML 12Page - Texas Instruments LMP8278 Datasheet HTML 13Page - Texas Instruments LMP8278 Datasheet HTML 14Page - Texas Instruments LMP8278 Datasheet HTML 15Page - Texas Instruments LMP8278 Datasheet HTML 16Page - Texas Instruments LMP8278 Datasheet HTML 17Page - Texas Instruments LMP8278 Datasheet HTML 18Page - Texas Instruments LMP8278 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
LMP8278
+
-
Preamplifier
Output Buffer
Gain = 2
A1
A2
Gain = 7
Internal
Resistor
100 k:
C1
RSENSE
POWER
SWITCH
INDUCTIVE
LOAD
+IN
-IN
OUT
0.01
Ö
1
5
3
4
8
Vout = 0.14V/A
24V
LMP8278
www.ti.com
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
LOW SIDE CURRENT SENSING APPLICATION
Figure 27 illustrates a low side current sensing application with a low side driver. The power transistor is pulse
width modulated to control the average current flowing through the inductive load which is connected to a
relatively high battery voltage. The current through the load is measured across a shunt resistor RSENSE in series
with the load. When the power transistor is on, current flows from the battery through the inductive load, the
shunt resistor and the power transistor to ground. In this case, the common mode voltage on the shunt is close
to ground. When the power transistor is off, current flows through the inductive load, through the shunt resistor
and through the freewheeling diode. In this case the common mode voltage on the shunt is at least one diode
voltage drop above the battery voltage. Therefore, in this application the common mode voltage on the shunt is
varying between a large positive voltage and a relatively low voltage. Because the large common mode voltage
range of the LMP8278 and because of the high AC common mode rejection ratio, the LMP8278 is very well
suited for this application.
Figure 27. Low Side Current Sensing Application
HIGH SIDE CURRENT SENSING APPLICATION
Figure 28 illustrates the application of the LMP8278 in a high side sensing application. This application is similar
to the low side sensing discussed above, except in this application the common mode voltage on the shunt drops
below ground when the driver is switched off. Because the common mode voltage range of the LMP8278
extends below the negative rail, the LMP8278 is also very well suited for this application.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP8278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com