Electronic Components Datasheet Search
  English  ▼

X  

LMT86 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT86 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMT86 Datasheet HTML 3Page - Texas Instruments LMT86 Datasheet HTML 4Page - Texas Instruments LMT86 Datasheet HTML 5Page - Texas Instruments LMT86 Datasheet HTML 6Page - Texas Instruments LMT86 Datasheet HTML 7Page - Texas Instruments LMT86 Datasheet HTML 8Page - Texas Instruments LMT86 Datasheet HTML 9Page - Texas Instruments LMT86 Datasheet HTML 10Page - Texas Instruments LMT86 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LMT86, LMT86-Q1
www.ti.com
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
7.6
Accuracy Characteristics
These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in Table 1.
PARAMETER
CONDITIONS
MIN(1)
TYP(2) MAX (1)
UNIT
40°C to 150°C; VDD = 2.2 V to 5.5 V
-2.7
±0.4
2.7
°C
0°C to 40°C; VDD = 2.4 V to 5.5 V
-2.7
±0.7
2.7
°C
Temperature accuracy(3)
0°C to 70°C; VDD = 3.0 V to 5.5 V
±0.3
°C
–50°C to 0°C; VDD = 3.0 V to 5.5 V
-2.7
±0.7
2.7
°C
–50°C to 0°C; VDD = 3.6 V to 5.5 V
±0.25
°C
(1)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Transfer Table at the specified
conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the specified
conditions. Accuracy limits do not include load regulation; they assume no dc load.
7.7
Electrical Characteristics
Unless otherwise noted, these specifications apply for +VDD = 2.2 V to 5.5 V. MIN and MAX limits apply for TA = TJ = TMIN to
TMAX , unless otherwise noted; typical values apply for TA = TJ = 25°C.
PARAMETER
CONDITIONS
MIN (1)
TYP (2)
MAX (1)
UNIT
Average sensor gain (output
-30°C and 90°C used to calculate average
–10.9
mV/°C
transfer function slope)
sensor gain
Source
≤ 50 μA, (VDD – VOUT) ≥ 200 mV
-1
–0.22
mV
Load regulation(3)
Sink
≤ 50 μA, VOUT ≥ 200 mV
0.26
1
mV
Line regulation(4)
200
μV/V
TA = 30°C to 150°C, (VDD – VOUT) ≥ 100 mV
5.4
8.1
μA
IS
Supply current
TA = -50°C to 150°C, (VDD – VOUT) ≥ 100 mV
5.4
9
μA
CL
Output load capacitance
1100
pF
Power-on time(5)
CL= 0 pF to 1100 pF
0.7
1.9
ms
Output drive
TA = TJ = 25°C
-50
50
µA
(1)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Source currents are flowing out of the LMT86 and LMT86-Q1. Sink currents are flowing into the LMT86 and LMT86-Q1.
(4)
Line regulation (DC) is calculated by subtracting the output voltage at the highest supply voltage from the output voltage at the lowest
supply voltage. The typical DC line regulation specification does not include the output voltage shift discussed in Output Voltage Shift.
(5)
Specified by design and characterization.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMT86 LMT86-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com