Electronic Components Datasheet Search
  English  ▼

X  

LMT86 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT86 Datasheet(HTML) 1 Page - Texas Instruments

  LMT86 Datasheet HTML 1Page - Texas Instruments LMT86 Datasheet HTML 2Page - Texas Instruments LMT86 Datasheet HTML 3Page - Texas Instruments LMT86 Datasheet HTML 4Page - Texas Instruments LMT86 Datasheet HTML 5Page - Texas Instruments LMT86 Datasheet HTML 6Page - Texas Instruments LMT86 Datasheet HTML 7Page - Texas Instruments LMT86 Datasheet HTML 8Page - Texas Instruments LMT86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
±50
0
50
100
150
TEMPERATURE (
ƒC)
C001
LMT86
OUT
GND
VDD
CBP
VDD (+2.2V to +5.5V)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMT86, LMT86-Q1
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
LMT86/LMT86-Q1 SC70/TO-92,
Analog Temperature Sensors with Class-AB Output
1 Features
3 Description
The
LMT86/LMT86-Q1
are
precision
CMOS
1
•
LMT86-Q1 is AEC-Q100 Grade 0 qualified and is
integrated-circuit temperature sensors with an analog
Manufactured on an Automotive Grade Flow
output
voltage
that
is
linearly
and
inversely
•
Very Accurate ±0.25°C
proportional to temperature. Its features make it
•
Wide Temperature Range of
−50°C to 150°C
suitable
for
many
general
temperature
sensing
applications. It can operate down to 2.2V supply with
•
Low 5.4 µA Quiescent Current
5.4 µA power consumption making it ideal for battery
•
Sensor Gain of -10.9 mV/°C
powered devices. Package options including through-
•
Packages:
hole TO-92 package allows the LMT86 to be
mounted on-board, off-board, to a heat sink, or on
–
Small SC70 Package
multiple unique locations in the same application. A
–
Leaded TO-92
class-AB output structure gives the LMT86/LMT86-
•
Output is Short-Circuit Protected
Q1 strong output source and sink current capability
that can directly drive up to 1.1 nF capacitive loads.
•
Push-Pull Output with ±50 µA Current Capability
This means it is well suited to drive an analog-to-
•
Footprint Compatible with the Industry-Standard
digital
converter
sample-and-hold
input
with
its
LM20/19 and LM35 Temperature Sensor
transient load requirements. It has accuracy specified
•
Cost-effective Alternative to Thermistors
in the operating range of
−50°C to 150°C. The
accuracy, 3-lead package options, and other features
2 Applications
also make the LMT86/LMT86-Q1 an alternative to
thermistors.
•
Automotive
For devices with different average sensor gains and
•
Industrial
comparable
accuracy
the
LMT84/LM84-Q1,
•
White Goods – Appliances
LMT85/LMT85-Q1 and LMT87/LMT87-Q1 (For more
•
Battery Management
details see Comparable Alternative Devices.)
•
Disk Drives
Device Information(1)
•
Games
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Wireless Transceivers
SOT (5)
2.00 mm x 1.25 mm
•
Cell phones
LMT86
TO-92 (3)
4.3 mm x 3.5 mm
LMT86-Q1
SOT (5)
2.00 mm x 1.25 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
4 Full-Range Celsius Temperature Sensor (
−50°C to 150°C)
Output Voltage vs Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMT86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86 Datasheet
982Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86 Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI2-LMT86 Datasheet
1Mb / 30P
LMT84 1.5-V, SC70/TO-92/TO-92S, Analog Temperature Sensors
REVISED OCTOBER 2017
LMT86-Q1 TI-LMT86-Q1 Datasheet
1,013Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87_017 TI1-LMT87_017 Datasheet
1Mb / 29P
2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com