Electronic Components Datasheet Search
  English  ▼

X  

LMV771 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMV771
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV771 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV771 Datasheet HTML 12Page - Texas Instruments LMV771 Datasheet HTML 13Page - Texas Instruments LMV771 Datasheet HTML 14Page - Texas Instruments LMV771 Datasheet HTML 15Page - Texas Instruments LMV771 Datasheet HTML 16Page - Texas Instruments LMV771 Datasheet HTML 17Page - Texas Instruments LMV771 Datasheet HTML 18Page - Texas Instruments LMV771 Datasheet HTML 19Page - Texas Instruments LMV771 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
1
1 + j (f/fo)
H = HO
H = HO
1
j2SfcR2 +1
R1
1
jwcR2 +1
-R2
Vi
VO
=
VO =
Vi
R1
1
jwcR2 +1
-R2
-
-
-Vi
R1
VO
R2
= O
VO
1
jwc
Vi
R1
R2
+
-
VOUT
C
LMV771, LMV772, LMV774
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
www.ti.com
ACTIVE FILTER
Active filters are circuits with amplifiers, resistors, and capacitors. The use of amplifiers instead of inductors,
which are used in passive filters, enhances the circuit performance while reducing the size and complexity of the
filter.
The simplest active filters are designed using an inverting op amp configuration where at least one reactive
element has been added to the configuration. This means that the op amp will provide "frequency-dependent"
amplification, since reactive elements are frequency dependent devices.
LOW PASS FILTER
The following shows a very simple low pass filter.
Figure 7. Lowpass Filter
The transfer function can be expressed as follows:
By KCL:
(9)
Simplifying this further results in:
(10)
or
(11)
Now, substituting
ω=2πf, so that the calculations are in f(Hz) and not ω(rad/s), and setting the DC gain HO =
−R2/R1 and H = VO/Vi
(12)
Set: fo = 1/(2πR1C)
(13)
Low pass filters are known as lossy integrators because they only behave as an integrator at higher frequencies.
Just by looking at the transfer function one can predict the general form of the bode plot. When the f/fO ratio is
small, the capacitor is in effect an open circuit and the amplifier behaves at a set DC gain. Starting at fO, −3dB
corner, the capacitor will have the dominant impedance and hence the circuit will behave as an integrator and
the signal will be attenuated and eventually cut. The bode plot for this filter is shown in the following picture:
16
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com