Electronic Components Datasheet Search
  English  ▼

X  

LMV771 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMV771
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV771 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMV771 Datasheet HTML 13Page - Texas Instruments LMV771 Datasheet HTML 14Page - Texas Instruments LMV771 Datasheet HTML 15Page - Texas Instruments LMV771 Datasheet HTML 16Page - Texas Instruments LMV771 Datasheet HTML 17Page - Texas Instruments LMV771 Datasheet HTML 18Page - Texas Instruments LMV771 Datasheet HTML 19Page - Texas Instruments LMV771 Datasheet HTML 20Page - Texas Instruments LMV771 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
j (f/fo)
1 + j (f/fo)
H = HO
HO =
-R2
R1
H =
VO
Vi
fO =
1
2SR1C
=
V
- + VO
R2
V
-
+ V1
R1
=
V1 - V
-
R1
V1 - Vi
1
jwC
Vi
R1
R2
+
-
VOUT
C
dB
0
f = fo
-20dB/dec
f (Hz)
|H|
|HO|
LMV771, LMV772, LMV774
www.ti.com
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
Figure 8. Lowpass Filter Transfer Function
HIGH PASS FILTER
In a similar approach, one can derive the transfer function of a high pass filter. A typical first order high pass filter
is shown below:
Figure 9. Highpass FIlter
Writing the KCL for this circuit :
(V1 denotes the voltage between C and R1)
(14)
(15)
Solving these two equations to find the transfer function and using:
(16)
(high frequency gain)
and
Which results:
(17)
Looking at the transfer function, it is clear that when f/fO is small, the capacitor is open and hence no signal is
getting in to the amplifier. As the frequency increases the amplifier starts operating. At f = fO the capacitor
behaves like a short circuit and the amplifier will have a constant, high frequency, gain of HO. Figure 10 shows
the transfer function of this high pass filter:
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com