Electronic Components Datasheet Search
  English  ▼

X  

MAX2003 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2003
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2003 Datasheet HTML 6Page - Maxim Integrated Products MAX2003 Datasheet HTML 7Page - Maxim Integrated Products MAX2003 Datasheet HTML 8Page - Maxim Integrated Products MAX2003 Datasheet HTML 9Page - Maxim Integrated Products MAX2003 Datasheet HTML 10Page - Maxim Integrated Products MAX2003 Datasheet HTML 11Page - Maxim Integrated Products MAX2003 Datasheet HTML 12Page - Maxim Integrated Products MAX2003 Datasheet HTML 13Page - Maxim Integrated Products MAX2003 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
operation, the SNS voltage ramps between 0.044VCC
and 0.050VCC, which is 220mV and 250mV when VCC
is 5V (Figure 7). The average voltage at SNS, therefore,
is 235mV, and can be used to calculate the charge cur-
rent as follows:
ICHARGE = 0.235V / RSNS
where RSNS is the sense resistor and ICHARGE is the
charge current required.
Circuits without SNS Resistor
In some applications (shown later), SNS is tied directly
to ground. In these cases, the MOD pin remains on
until any one charge-termination condition is exceeded
(Figure 8). A reasonable external current limit (such as
a current-limited DC source) must be provided for
these applications, to prevent battery damage due to
excessive charge currents.
Charge Termination
The MAX2003 has several charge-termination methods.
The termination method selected depends on the type
of battery and charge rate used. Table 1 summarizes
the conditions used to terminate fast-charge with differ-
ent battery types and charge rates.
Temperature Rate Termination
The Temperature Rate Termination (
∆T/∆t) method ter-
minates fast-charge when a particular rate-of-change in
temperature is exceeded. As the battery begins fast-
charge, its temperature increases at a slow rate. When
the battery nears full capacity, this rate of temperature
change increases. When the rate of temperature
change exceeds a preset number, fast-charge is termi-
nated. This method of fast-charge termination can be
used for both NiCd and NiMH batteries.
The MAX2003 samples the voltage at the TS pin every 34
seconds and compares it with a value taken 68 seconds
earlier. Since an NTC thermistor is used for temperature
measurements, a gradual rise in temperature will result in
successively lower voltage readings. If the new reading is
more than 0.0032VCC (16mV for VCC = 5V) below the old
reading, fast-charge is terminated.
The MAX2003A varies the sampling interval as a function
of charge rate (Table 4). As the charge rate increases,
the sampling interval decreases, thereby allowing more
accurate termination of fast charge.
Note: This method of charge termination is valid only
when the battery’s temperature is between VLTF and
VTCO (Figure 5).
NiCd/NiMH Battery
Fast-Charge Controllers
10
______________________________________________________________________________________
TIME
TIME
TIME
0
0
0
MOD
SNS
ILOAD
0.044
VCC
0.050
VCC
VCC
IBAT
FAST CHARGE
FAST-CHARGE
TERMINATE
Figure 7. Current Regulation with an SNS Resistor
TIME
TIME
SNS = 0V
TIME
0
0
MOD
SNS
ILOAD
0.044
VCC
0.050
VCC
VCC
IBAT
FAST CHARGE
FAST-CHARGE
TERMINATE
Figure 8. Current Regulation without an SNS Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com