Electronic Components Datasheet Search
  English  ▼

X  

MAX2003 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX2003
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX2003 Datasheet HTML 8Page - Maxim Integrated Products MAX2003 Datasheet HTML 9Page - Maxim Integrated Products MAX2003 Datasheet HTML 10Page - Maxim Integrated Products MAX2003 Datasheet HTML 11Page - Maxim Integrated Products MAX2003 Datasheet HTML 12Page - Maxim Integrated Products MAX2003 Datasheet HTML 13Page - Maxim Integrated Products MAX2003 Datasheet HTML 14Page - Maxim Integrated Products MAX2003 Datasheet HTML 15Page - Maxim Integrated Products MAX2003 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
The top-off charge is done at 1/8 the fast-charge rate.
For the MAX2003, the MOD pin is activated in every 34
second period to supply current to the battery for 4
seconds (MOD oscillates for 4 seconds and stays low
for 30 seconds) (Figure 7). If external regulation is used
(SNS tied to ground), MOD stays high for 4 seconds
and low for 30 seconds (Figure 8). This top-off process
continues until the fast-charge timeout (Table 4) is
exceeded, or if a maximum temperature or maximum
voltage condition is detected. The MAX2003A is slightly
modified to turn the MOD pin on for 0.5sec in every 4
second period. This shorter on-time reduces battery
heat and increases charge acceptance. During the top-
off charge, the CHG pin will cycle low (LED on) for
0.125sec and high (LED off) for 0.125sec.
Trickle-Charge
A trickle-charge is applied to the battery after fast-
charge and top-off charge have terminated to compen-
sate for self discharge. There are two methods of trickle
charge: constant and pulsed.
Pulsed Trickle-Charge (MAX2003A)
The MAX2003A provides a pulsed trickle-charge to the
battery by turning on the MOD pin briefly during a fixed
period of time. The duty cycle of the pulse is a function of
the programmable inputs TM1 and TM2 (Table 4 ). The
MAX2003A does not use the trickle resistor to provide the
trickle charge. However, the trickle resistor cannot be
entirely omitted because it is also used for the battery-
detect circuitry.
Constant Trickle-Charge (MAX2003)
The MAX2003 provides a steady trickle-charge to the
battery by connecting a resistor from the DC supply to
the positive battery terminal. This resistor has a dual
purpose, in that it provides a trickle-charge and pulls
the BAT pin above the MCV when the battery is absent.
The trickle-charge rate depends on the type of battery
used. For NiCd batteries, a nominal trickle-charge rate
would be C/16, and NiMH batteries could use a rate of
C/40. The resistor value used depends on the maxi-
mum DC voltage and the typical battery voltage. For
example, a six-cell 800mAh NiCd pack with a nominal
voltage of 1.2V per cell would have a total voltage of
1.2V x 6V = 7.2V. If the DC supply voltage used is 14V,
the voltage across the trickle resistor would be 14.0V -
7.2V = 6.8V. The trickle current needed would be C/16
= 800 / 16 = 50mA. The trickle resistor would therefore
be RTR = 6.8V / 50mA ≈ 150Ω. Similar calculations
should be made for NiMH batteries using C/40 as the
trickle-charge rate.
If a trickle-charge is not needed, a higher value of trick-
le resistor (like 100k
Ω) can be selected to sense the
battery insertion.
Charge Status
The CHG pin is connected to a LED that indicates the
operating mode. Table 5 summarizes the different
charge conditions.
_______________________Design Guide
Using the circuit of Figure 1 as an example, the follow-
ing nine steps show how to design a 1.7A switch-mode
fast-charger that can charge a Duracell DR17 (NiMH
six-cell battery pack with a 1700mAh capacity).
1) Select DC Power Supply. The first step is to select
the DC power supply (such as a wall cube). The mini-
mum supply voltage should have a supply equal to
about 2V per cell, plus 1V headroom for external cir-
cuitry ((2V/cell) + 1V). The minimum supply voltage
must be greater than 6V. If, as in our example, there
are six cells, a minimum supply of about 13V is needed
((6 cells x 2V) + 1V).
2) Determine Charge Rate. The charge rate, or fast-
charge current (IFAST), is determined by two factors:
the capacity of the battery, and the time in which the
user wants the battery to be charged. The battery man-
ufacturer recommends a maximum fast-charge rate,
which must not be exceeded.
Capacity of Battery (mAh)
IFAST (mA) = ————————————
Charge Time (h)
For example, if a 1700mAh battery needs to be charged
in two hours (C/2), a fast-charge current of at least
850mA is needed. A charge rate of C/2 will ideally charge
a battery in two hours but, because of inefficiencies in a
battery’s chemical processes, the time could be 30% to
40% more. Our example circuit (Figure 1) charges the
Duracell battery pack at a C rate of 1.7A, which should fully
charge a discharged battery in approximately 80 minutes.
NiCd/NiMH Battery
Fast-Charge Controllers
12
______________________________________________________________________________________
Table 5. Charge Status
LED on for 0.125sec, off for
0.125sec
Charge Complete and Top-
Off
LED on
Fast-Charge
LED on for 1.375sec, off for
0.125sec
Discharge-Before-Charge
LED on for 0.125sec, off for
1.375sec
Charge Pending
Charge State
LED off
Battery Absent
CHG LED Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com