Electronic Components Datasheet Search
  English  ▼

X  

AP34063 Datasheet(PDF) 7 Page - Anachip Corp

Part # AP34063
Description  Universal DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP34063 Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP34063 Datasheet HTML 2Page - Anachip Corp AP34063 Datasheet HTML 3Page - Anachip Corp AP34063 Datasheet HTML 4Page - Anachip Corp AP34063 Datasheet HTML 5Page - Anachip Corp AP34063 Datasheet HTML 6Page - Anachip Corp AP34063 Datasheet HTML 7Page - Anachip Corp AP34063 Datasheet HTML 8Page - Anachip Corp AP34063 Datasheet HTML 9Page - Anachip Corp AP34063 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Universal DC/DC Converter
AP34063
Anachip Corp.
www.anachip.com.tw
Rev.A5 Feb.10, 2004
7/10
(3) Voltage Inverting Converter
1.25V
Ref
Reg
Ipk
CT
R
SQ
Q2
Q1
Comp.
+
_
8
7
6
5
1
2
3
4
VC
C
Osc
+
470uF
Vin
4.5V to 6.0V
Rsc
0.26
R2
50k 3k
R1
CO
-12V/100mA
Vout
100
Vout
Optional Filter
680
pF
L
1N5819
470uF
1.0uH
+
100
uH
+
+
Test
Conditions
Results
Line Regulation
Vin =4.5V to 6.0V, IO =100mA
20mV = ± 0.08%
Load Regulation
Vin =5.0V, IO =20mA to 100mA
30mV = ± 0.12%
Output Ripple
Vin =5.0V, IO =100mA
500mVPP
Efficiency
Vin =5.0V, IO =100mA
60%
Marking Information
AC
AP34063
YY WW X X
Logo
Part Number
X
: Internal code ( Optional)
WW: Xth week: 01~52
YY : Year: "01"=2001
"02"=2002
( Top View)
Blank: normal
L: Lead Free Package
(SOP-8L / PDIP-8L)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com