Electronic Components Datasheet Search
  English  ▼

X  

AP34063 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP34063
Description  Universal DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP34063 Datasheet(HTML) 1 Page - Anachip Corp

  AP34063 Datasheet HTML 1Page - Anachip Corp AP34063 Datasheet HTML 2Page - Anachip Corp AP34063 Datasheet HTML 3Page - Anachip Corp AP34063 Datasheet HTML 4Page - Anachip Corp AP34063 Datasheet HTML 5Page - Anachip Corp AP34063 Datasheet HTML 6Page - Anachip Corp AP34063 Datasheet HTML 7Page - Anachip Corp AP34063 Datasheet HTML 8Page - Anachip Corp AP34063 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Universal DC/DC Converter
AP34063
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.A5 Feb.10, 2004
1/10
Features
•
Operation from 3.0V to 40V Input
•
Low Standby Current
•
Current Limiting
•
Output Switch Current to 1.6A
•
Output Voltage Adjustable
•
Frequency Operation to 100 kHz
•
Precision 2% Reference
General Description
The AP34063 Series is a monolithic control circuit
containing the primary functions required for
DC-to-DC converters. These devices consist of an
internal
temperature
compensated
reference,
comparator, controlled duty cycle oscillator with an
active current limit circuit, driver and high current
output switch. This series is specifically designed
for incorporating in Step-Down and Step-Up and
Voltage-Inverting applications with a minimum
number of external components.
Pin Connections
1
2
3
4
8
7
6
5
VCC
Comparator
Inverting
Input
Driver
Collector
I pk
Sense
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
(Top View)
Ordering Information
AP34063 X X X X
Package
Packing
Temp. grade
S8 : SOP-8L
N8 : PDIP-8L
Blank : Tube
A
: Taping
Blank: 0oC~70oC
Lead Free
Blank : Normal
L : Lead Free Package


Similar Part No. - AP34063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
AP34063 DIODES-AP34063 Datasheet
220Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
List of Unclassifed Man...
AP34063N8 ETC1-AP34063N8 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Diodes Incorporated
AP34063N8 DIODES-AP34063N8 Datasheet
207Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
More results

Similar Description - AP34063

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
Industrial Standard, Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP34063 FOSLINK-FSP34063 Datasheet
222Kb / 10P
UNIVERSAL DC/DC CONVERTER
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
Universal DC To DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063_09 Datasheet
220Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com