Electronic Components Datasheet Search
  English  ▼

X  

LM83 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM83
Description  Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM83 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM83 Datasheet HTML 10Page - Texas Instruments LM83 Datasheet HTML 11Page - Texas Instruments LM83 Datasheet HTML 12Page - Texas Instruments LM83 Datasheet HTML 13Page - Texas Instruments LM83 Datasheet HTML 14Page - Texas Instruments LM83 Datasheet HTML 15Page - Texas Instruments LM83 Datasheet HTML 16Page - Texas Instruments LM83 Datasheet HTML 17Page - Texas Instruments LM83 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
1.0 Functional Description (Continued)
2.0 LM83 REGISTERS
2.1 COMMAND REGISTER
Selects which registers will be read from or written to. Data for this register should be transmitted during the Command Byte of
the SMBus write communication.
P7
P6
P5
P4
P3
P2
P1
P0
0
Command Select
P0-P7: Command Select
Command Se-
lect Address
Power On Default State
Register Name
Register Function
<P7:P0> hex
<D7:D0> binary
<D7:D0> deci-
mal
00h
0000 0000
0
RLT
Read Local Temperature
01h
0000 0000
0
RD2RT
Read D2 Remote
Temperature
02h
0000 0000
0
RSR1
Read Status Register 1
03h
0000 0000
0
RC
Read Configuration
04h
0000 0000
0
Reserved
05h
0111 1111
127
RLHS
Read Local HIGH Setpoint
06h
Reserved
07h
0111 1111
127
RD2RHS
Read D2 Remote HIGH
Setpoint
08h
Reserved
09h
0000 0000
WC
Write Configuration
0Ah
Reserved
0Bh
0111 1111
127
WD2LHS
Write Local HIGH Setpoint
0Ch
Reserved
0Dh
0111 1111
127
WD2RHS
Write D2 Remote HIGH
Setpoint
0Eh-2Fh
Reserved for Future Use
30h
0000 0000
0
RD1RT
Read D1 Remote
Temperature
31h
0000 0000
0
RD3RT
Read D3 Remote
Temperature
32h-34h
Reserved for Future Use
35h
0000 0000
0
RSR2
Read Status Register 2
36h-37h
Reserved for Future Use
38h
0111 1111
127
RD1RHS
Read D1 Remote HIGH
Setpoint
39h
Reserved for Future Use
3Ah
0111 1111
127
RD3RHS
Read D3 Remote HIGH
Setpoint
3Bh-41h
Reserved for Future Use
42h
0111 1111
127
RTCS
Read T_CRIT Setpoint
43h-4Fh
Reserved for Future Use
50h
0111 1111
127
WD1RHS
Write D1 Remote HIGH
Setpoint
51h
Reserved for Future Use
52h
0111 1111
127
WD3RHS
Write D3 Remote HIGH
Setpoint
53h-59h
Reserved for Future Use
5Ah
0111 1111
127
WTCS
Write T_CRIT Setpoint
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com