Electronic Components Datasheet Search
  English  ▼

X  

LM83 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM83
Description  Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM83 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM83 Datasheet HTML 14Page - Texas Instruments LM83 Datasheet HTML 15Page - Texas Instruments LM83 Datasheet HTML 16Page - Texas Instruments LM83 Datasheet HTML 17Page - Texas Instruments LM83 Datasheet HTML 18Page - Texas Instruments LM83 Datasheet HTML 19Page - Texas Instruments LM83 Datasheet HTML 20Page - Texas Instruments LM83 Datasheet HTML 21Page - Texas Instruments LM83 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
4.0 Application Hints (Continued)
6.
Avoid running diode traces close to or parallel to high
speed digital and bus lines. Diode traces should be kept
at least 2cm. apart from the high speed digital traces.
7.
If it is necessary to cross high speed digital traces, the
diode traces and the high speed digital traces should
cross at a 90 degree angle.
8.
The ideal place to connect the LM83’s GND pin is as
close as possible to the Processors GND associated
with the sense diode. For the Pentium II this would be
pin A14.
9.
Leakage current between D+ and GND should be kept
to a minimum. One nano-ampere of leakage can cause
as much as 1˚C of error in the diode temperature read-
ing. Keeping the printed circuit board as clean as pos-
sible will minimize leakage current.
Noise coupling into the digital lines greater than 300mVp-p
(typical hysteresis), overshoot greater than 500mV above
V
CC, and undershoot less than 500mV below GND, may pre-
vent successful SMBus communication with the LM83. SM-
Bus no acknowledge is the most common symptom, causing
unnecessary traffic on the bus. Although, the SMBus maxi-
mum frequency of communication is rather low (100kHz
max) care still needs to be taken to ensure proper termina-
tion within a system with multiple parts on the bus and long
printed circuit board traces. An R/C lowpass filter with a 3db
corner frequency of about 40MHz has been included on the
LM83’s SMBCLK input. Additional resistance can be added
in series with the SMBData and SMBCLK lines to further
help filter noise and ringing. Minimize noise coupling by
keeping digital traces out of switching power supply areas as
well as ensuring that digital lines containing high speed data
communications cross at right angles to the SMBData and
SMBCLK lines.
4.0 Typical Applications
DS101058-17
FIGURE 10. Ideal Diode Trace Layout
DS101058-22
FIGURE 11. LM83 Demo Board Diode Layout
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com