Electronic Components Datasheet Search
  English  ▼

X  

LM99 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM99
Description  LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM99 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM99 Datasheet HTML 12Page - Texas Instruments LM99 Datasheet HTML 13Page - Texas Instruments LM99 Datasheet HTML 14Page - Texas Instruments LM99 Datasheet HTML 15Page - Texas Instruments LM99 Datasheet HTML 16Page - Texas Instruments LM99 Datasheet HTML 17Page - Texas Instruments LM99 Datasheet HTML 18Page - Texas Instruments LM99 Datasheet HTML 19Page - Texas Instruments LM99 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
n
n+1
n+2
n+3
n+4
n+5
SAMPLE NUMBER
RDTS Measurement
Status Register: RTDS High
LM99
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
www.ti.com
FAULT QUEUE
In order to suppress erroneous ALERT or T_CRIT triggering the LM99 incorporates a Fault Queue. The Fault
Queue acts to insure a remote temperature measurement is genuinely beyond a HIGH, LOW or T_CRIT setpoint
by not triggering until three consecutive out of limit measurements have been made, see Figure 15. The fault
queue defaults off upon power-on and may be activated by setting bit D0 in the Configuration register (09h) to
“1”.
ONE-SHOT REGISTER
The One-Shot register is used to initiate a single conversion and comparison cycle when the device is in standby
mode, after which the device returns to standby. This is not a data register and it is the write operation that
causes the one-shot conversion. The data written to this address is irrelevant and is not stored. A zero will
always be read from this register.
Figure 15. Fault Queue Temperature Response Diagram
LM99 Registers
COMMAND REGISTER
Selects which registers will be read from or written to. Data for this register should be transmitted during the
Command Byte of the SMBus write communication.
P7
P6
P5
P4
P3
P2
P1
P0
Command Select
P0-P7: Command Select
Command Select Address
Power On Default State
Register
Register Function
Name
Read Address
Write Address
<D7:D0> binary
<D7:D0>
<P7:P0> hex
<P7:P0> hex
decimal
00h
NA
0000 0000
0
LT
Local Temperature
01h
NA
0000 0000
0
RTHB
Remote Temperature High Byte
02h
NA
0000 0000
0
SR
Status Register
03h
09h
0000 0000
0
C
Configuration
04h
0Ah
0000 1000
8 (16
CR
Conversion Rate
conv./sec)
05h
0Bh
0100 0110
70
LHS
Local HIGH Setpoint
06h
0Ch
0000 0000
0
LLS
Local LOW Setpoint
07h
0Dh
0100 0110
70
RHSHB
Remote HIGH Setpoint High Byte
08h
0Eh
0000 0000
0
RLSHB
Remote LOW Setpoint High Byte
NA
0Fh
One Shot
Writing to this register will initiate a
one shot conversion
16
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com