Electronic Components Datasheet Search
  English  ▼

X  

G5322 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G5322
Description  Current Mode Boost Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5322 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G5322 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5322 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.1
Jan 02, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5322A
Global Mixed-mode Technology
Current Mode Boost Controller
Features
Input Voltage: 4.5V to 27V
Adjustable Oscillator Frequency
Fixed Frequency Current Mode Control
Integrated Low-Side Driver
Programmable Soft Start
Over Current Protection
Reference 700mV
Low Power Shutdown Function
Applications
LED Lighting
Industrial Control Systems
Battery Powered Systems
General Description
The G5322A is a wide input voltage (4.5V to 27V),
non-synchronous boost controller. It is suitable for
topologies including boost, flyback, SEPIC and
various LED Driver applications which require a
grounded source N-channel FET. The device fea-
tures include programmable soft start, over current
protection with automatic retry, programmable os-
cillator frequency and integrated Low-side driver.
Current mode control provides improved transient
response and simplified loop compensation.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5322AF61U
G5322A
-40°C to +125°C
MSOP-10 (FD)
Note:F6: MSOP-10 (FD)
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
SHDN
RC
SS
COMP
FB
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
10
8
7
1
2
3
4
VDD
BP
GDRV
ISNS
MSOP-10 (FD)
G5322A
9
6
5OVP
Thermal
Pad
11 GND
VIN
RC
SS
COMP
FB
VDD
BP
GDRV
ISNS
OVP
RSENSE
VOUT
G5322A
1
2
3
4
5
6
7
8
9
10
SHDN
11
GND
RVDD
10
Ω
CVDD
1µF
SHDN
RC
SS
COMP
FB
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
10
8
7
1
2
3
4
VDD
BP
GDRV
ISNS
MSOP-10 (FD)
G5322A
9
6
5OVP
Thermal
Pad
11 GND
VIN
RC
SS
COMP
FB
VDD
BP
GDRV
ISNS
OVP
RSENSE
VOUT
G5322A
1
2
3
4
5
6
7
8
9
10
SHDN
11
GND
RVDD
10
Ω
CVDD
1µF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com