Electronic Components Datasheet Search
  English  ▼

X  

G5322 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5322
Description  Current Mode Boost Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5322 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5322 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5322 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver: 0.7
May 04, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5322
Global Mixed-mode Technology
Current Mode Boost Controller
Features
Input Voltage: 4.5V to 27V
Adjustable Oscillator Frequency
Fixed Frequency Current Mode Control
Integrated Low-Side Driver
Programmable Soft Start
Over Current Protection
Reference 700mV
Low Power Shutdown Function
Applications
LED Lighting
Industrial Control Systems
Battery Powered Systems
General Description
The G5322 is a wide input voltage (4.5V to 27V),
non-synchronous boost controller. It is suitable for
topologies including boost, flyback, SEPIC and
various LED Driver applications which require a
grounded source N-channel FET. The device fea-
tures include programmable soft start, over current
protection with automatic retry, programmable os-
cillator frequency and integrated Low-side driver.
Current mode control provides improved transient
response and simplified loop compensation.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5322F61U
G5322
-40°C to +125°C
MSOP-10 (FD)
Note:F6: MSOP-10 (FD)
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
SHDN
RC
SS
COMP
FB
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
10
8
7
1
2
3
4
VDD
BP
GDRV
ISNS
MSOP-10 (FD)
G5322
9
6
5OVP
Thermal
Pad
11 GND
VIN
RC
SS
COMP
FB
VDD
BP
GDRV
ISNS
OVP
RSENSE
VOUT
G5322
1
2
3
4
5
6
7
8
9
10
SHDN
11
GND
RVDD
10
Ω
CVDD
1µF
SHDN
RC
SS
COMP
FB
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
10
8
7
1
2
3
4
VDD
BP
GDRV
ISNS
MSOP-10 (FD)
G5322
9
6
5OVP
Thermal
Pad
11 GND
VIN
RC
SS
COMP
FB
VDD
BP
GDRV
ISNS
OVP
RSENSE
VOUT
G5322
1
2
3
4
5
6
7
8
9
10
SHDN
11
GND
RVDD
10
Ω
CVDD
1µF
VIN
RC
SS
COMP
FB
VDD
BP
GDRV
ISNS
OVP
RSENSE
VOUT
G5322
1
2
3
4
5
6
7
8
9
10
SHDN
11
GND
RVDD
10
Ω
CVDD
1µF


Similar Part No. - G5322

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5322 HEYCO-G5322 Datasheet
124Kb / 1P
Ergonomic Plugs for Square Tubing
More results

Similar Description - G5322

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
Buck or Buck-Boost(Inverting) Current Mode Controller
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
Buck or Buck-Boost (Inverting) Current Mode Controller
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
Current Mode Boost Controller
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Current Mode Boost Flyback and SEPIC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
No RSENSE Current Mode Boost DC/DC Controller
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
No RSENSE Current Mode Boost DC/DC Controller
logo
Global Mixed-mode Techn...
G5321 GMT-G5321 Datasheet
86Kb / 1P
Current Mode Boost Controller
logo
Monolithic Power System...
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
Peak Current Mode PWM Controller Boost EV Board
EV3910-K-00B MPS-EV3910-K-00B Datasheet
371Kb / 8P
Peak Current Mode PWM Controller Boost EV Board
logo
Linear Technology
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
No RSENSE Current Mode Boost DC/DC Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com