Electronic Components Datasheet Search
  English  ▼

X  

050-331 Datasheet(PDF) 7 Page - Glenair, Inc.

Part # 050-331
Description  PC BOARD MOUNT DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-331 Datasheet(HTML) 7 Page - Glenair, Inc.

Back Button 050-331 Datasheet HTML 3Page - Glenair, Inc. 050-331 Datasheet HTML 4Page - Glenair, Inc. 050-331 Datasheet HTML 5Page - Glenair, Inc. 050-331 Datasheet HTML 6Page - Glenair, Inc. 050-331 Datasheet HTML 7Page - Glenair, Inc. 050-331 Datasheet HTML 8Page - Glenair, Inc. 050-331 Datasheet HTML 9Page - Glenair, Inc. 050-331 Datasheet HTML 10Page - Glenair, Inc. 050-331 Datasheet HTML 11Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 7 of 16
E-mail: sales@glenair.com
050-331 Product Brief
PC Board Mount Dual-Transmitter
3G-SDI and HD-SDI, MMF, 3.3V
FUNCTIONAL DESCRIPTION
TRANSMITTER SECTION
Transmit Disable (TX1_Disable and TX2_Disable)
The transmitters accept a TTL and CMOS compatible transmit disable control signal input that shuts down the transmitter
optical output. A high signal disables the transmitter while a low signal allows normal dual-transmitter operation. Also laser
is disabled when TX Disable is open. In the event of a fault (e.g. eye safety circuit activated), cycling this control signal
resets the module. Host systems should allow a 10ms interval between successive assertions of this control signal.
Transmit Fault (TX1_FAULT and TX2_FAULT)
A catastrophic laser fault will activate the transmitter signal, TX*_FAULT, and disable the laser. This signal is an open
collector output (pull-up required on the host board). A low signal indicates normal laser operation and a high signal
indicates a fault. The TX*_FAULT will be latched high when a laser fault occurs and is cleared by toggling the
TX*_DISABLE input or cycling the power of the dual-transmitter. The transmitter fault condition can also be monitored via
the optional 2-wire serial interface (address A2, byte 110, bit 2).
Eye Safety Circuit
Figure 2
Board Mount Dual-Transmitter Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com