Electronic Components Datasheet Search
  English  ▼

X  

050-331 Datasheet(PDF) 11 Page - Glenair, Inc.

Part # 050-331
Description  PC BOARD MOUNT DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-331 Datasheet(HTML) 11 Page - Glenair, Inc.

Back Button 050-331 Datasheet HTML 7Page - Glenair, Inc. 050-331 Datasheet HTML 8Page - Glenair, Inc. 050-331 Datasheet HTML 9Page - Glenair, Inc. 050-331 Datasheet HTML 10Page - Glenair, Inc. 050-331 Datasheet HTML 11Page - Glenair, Inc. 050-331 Datasheet HTML 12Page - Glenair, Inc. 050-331 Datasheet HTML 13Page - Glenair, Inc. 050-331 Datasheet HTML 14Page - Glenair, Inc. 050-331 Datasheet HTML 15Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 11 of 16
E-mail: sales@glenair.com
050-331 Product Brief
PC Board Mount Dual-Transmitter
3G-SDI and HD-SDI, MMF, 3.3V
Required Host Board Components
A power supply noise rejection filter as describe in SFP MSA is required on the host PCB to meet data sheet
performance. This filter
incorporates an inductor which should be rated 400 mADC and 1 Ω series resistance or better. It
should not be replaced with a ferrite. The required filter is illustrated in Figure 4. Also, the host PCB for the board mount
dual-transmitter
requires 4.7 K to 10 KΩ pull-up resistors for TX1_FAULT, TX2_FAULT, SCA and SDL lines.
FIGURE 5
RECOMMENDED HOST BOARD POWER SUPPLY FILTERING CIRCUIT
Fiber Compatibility
The Dual transmitter is capable of error free signal detection at 2 to 1000 meters with OM3 50/125
μm fiber, 2 to 220
meters with
OM2 50/125 μm fiber, and at 2 to110 meters with OM1 62.5/ 125 μm fiber, for 3G-SDI data rate
Electrostatic Discharge (ESD)
The Dual-transmitter is compatible with ESD levels found in typical manufacturing and operating environments as
described JEDEC EIA JESD22-A114-A, Class 1C (<2000Volts) HBM. Glenair recommends that devices are handled
with ESD precautions to limit exposure to below 500V HBM.
There are two design cases in which immunity to ESD damage is important. The first case is during handling of the dual-
transmitter prior to insertion to the host board. To protect the dual-transmitter, it’s important to use standard industry ESD
handling precautions. These precautions include using grounded wrist straps, work benches, and floor mats in ESD
controlled areas. The ESD sensitivity of the Glenair board mount dual-transmitter is compatible with typical industry
production environments.
The second case to consider is static discharges to the exterior of the host equipment after installation, in which case the
dual-transmitter may be subject to system-level ESD requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com