Electronic Components Datasheet Search
  English  ▼

X  

CPH6341 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CPH6341
Description  P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6341 Datasheet(HTML) 1 Page - ON Semiconductor

  CPH6341 Datasheet HTML 1Page - ON Semiconductor CPH6341 Datasheet HTML 2Page - ON Semiconductor CPH6341 Datasheet HTML 3Page - ON Semiconductor CPH6341 Datasheet HTML 4Page - ON Semiconductor CPH6341 Datasheet HTML 5Page - ON Semiconductor CPH6341 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
11614HK TC-00002818/61312 TKIM/30508PE TIIM No. A1084-1/6
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
January, 2014
CPH6341
P-Channel Power MOSFET
–30V, –5A, 59mΩ, Single CPH6
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
Low ON-resistance
•
High-speed switching
•
4V drive
•
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--5
A
Drain Current (Pulse)
IDP
PW
≤10ms, duty cycle≤1%
--20
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2
×0.8mm)
1.6
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7018A-003
Ordering number : ENA1084B
Product & Package Information
• Package
: CPH6
• JEITA, JEDEC
: SC-74, SOT-26, SOT-457
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
3
4
1, 2, 5, 6
TL
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
CPH6341-TL-E
CPH6341-TL-W


Similar Part No. - CPH6341

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6341 SANYO-CPH6341 Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
CPH6341-TL-E SANYO-CPH6341-TL-E Datasheet
515Kb / 7P
General-Purpose Switching Device Applications
CPH6341 SANYO-CPH6341_12 Datasheet
515Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - CPH6341

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com