Electronic Components Datasheet Search
  English  ▼

X  

CPH6341 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CPH6341
Description  P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6341 Datasheet(HTML) 4 Page - ON Semiconductor

  CPH6341 Datasheet HTML 1Page - ON Semiconductor CPH6341 Datasheet HTML 2Page - ON Semiconductor CPH6341 Datasheet HTML 3Page - ON Semiconductor CPH6341 Datasheet HTML 4Page - ON Semiconductor CPH6341 Datasheet HTML 5Page - ON Semiconductor CPH6341 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CPH6341
No. A1084-4/6
VGS -- Qg
Total Gate Charge, Qg -- nC
A S O
Drain-to-Source Voltage, VDS -- V
010
1357
9
2468
IT13388
IT13387
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10 VDS= --15V
ID= --5A
--0.01
2
3
5
5
7
2
3
5
7
2
3
5
7
--10
--1.0
--0.1
2
3
--10
--1.0
23 57
23 57
23 52 35
77
--0.1
--0.01
ID= --5A
IDP= --20A
Operation in this
area is limited by RDS(on).
DC
operatio
n
100m
s
10m
s
PW≤
10ms
1ms
100
ms
Ta=25°C
Single pulse
When mounted on ceramic substrate
(900mm2✕0.8mm)
PD -- Ta
Ambient Temperature, Ta -- °C
IT13389
020406080
100
120
140
160
0
0.5
1.0
1.5
1.6
2.0
When mounted on ceramic substrate
(900mm2✕0.8mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com