Electronic Components Datasheet Search
  English  ▼

X  

MCH6321 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MCH6321
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6321 Datasheet(HTML) 2 Page - ON Semiconductor

  MCH6321 Datasheet HTML 1Page - ON Semiconductor MCH6321 Datasheet HTML 2Page - ON Semiconductor MCH6321 Datasheet HTML 3Page - ON Semiconductor MCH6321 Datasheet HTML 4Page - ON Semiconductor MCH6321 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCH6321
No. A0963-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--20V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--0.4
--1.3
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--2A
2.5
4.3
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--2A, VGS=--4.5V
63
83
mΩ
RDS(on)2
ID=--1A, VGS=--2.5V
88
125
mΩ
RDS(on)3
ID=--0.2A, VGS=--1.8V
130
200
mΩ
Input Capacitance
Ciss
VDS=--10V, f=1MHz
375
pF
Output Capacitance
Coss
77
pF
Reverse Transfer Capacitance
Crss
58
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
8.1
ns
Rise Time
tr
31
ns
Turn-OFF Delay Time
td(off)
40
ns
Fall Time
tf
39
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--4.5V, ID=--4A
4.6
nC
Gate-to-Source Charge
Qgs
0.8
nC
Gate-to-Drain “Miller” Charge
Qgd
1.3
nC
Diode Forward Voltage
VSD
IS=--4A, VGS=0V
--0.86
--1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
MCH6321-TL-E
MCPH6
3,000pcs./reel
Pb-Free
MCH6321-TL-W
Pb-Free and Halogen Free
PW=10
μs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID= --2A
RL=5Ω
VDD= --10V
VOUT
MCH6321
VIN
0V
--4V
VIN
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com