Electronic Components Datasheet Search
  English  ▼

X  

MCH6321 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MCH6321
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6321 Datasheet(HTML) 3 Page - ON Semiconductor

  MCH6321 Datasheet HTML 1Page - ON Semiconductor MCH6321 Datasheet HTML 2Page - ON Semiconductor MCH6321 Datasheet HTML 3Page - ON Semiconductor MCH6321 Datasheet HTML 4Page - ON Semiconductor MCH6321 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MCH6321
No. A0963-3/5
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
0
--0.5
--1.0
--3.0
--2.0
--2.5
--1.5
0--0.2
--0.4--0.6
--0.8--1.0
--0.1--0.3
--0.5--0.7
--0.9
IT13008
0--1.0
--0.5--1.5
--2.5
--2.0
0
--1
--2
--3
--5
--4
IT13009
--1.5V
VDS= --10V
VGS= --1.0V
IS -- VSD
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta -- °C
IT13012
IT13013
0--0.2
--0.4--0.6
--0.8--1.0
--1.2
0.1
1.0
7
5
3
2
2
10
7
5
3
--0.1--1.0
--10
23
57
--0.01 23
57
23
57
Ta=
--25
°C
VDS= --10V
--0.001
2
3
--0.01
2
7
5
VGS=0V
--0.1--1.0
23
57
--10
23
57
VDD= --10V
VGS= --4V
td(on)
td(off)
tf
IT13014
0--2
--4--6
1000
7
5
3
7
5
3
2
100
2
--8--20
--10 --12 --14 --16 --18
Ciss
Coss
Crss
IT13015
10
2
3
7
5
100
2
7
5
f=1MHz
tr
0--2
--4--6
--8
--1--3
--5--7
50
100
200
150
250
300
0
50
150
100
200
250
0
IT13026
IT13027
ID= --0.2A
--2.0A
Ta=25°C
--1.0A
75°C
25°C
3
--0.1
2
7
5
3
--1.0
2
7
5
3
--10
7
5
--60 --40 --20
020406080 100 120 140 160
VGS= --1.8V
, ID= --0.2A
VGS= --4.5V
, ID= --2.0A
VGS= --2.5V
, ID= --1.0A
| yfs | -- ID



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com