Electronic Components Datasheet Search
  English  ▼

X  

DAC8541 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541
Description  16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC8541 Datasheet HTML 12Page - Texas Instruments DAC8541 Datasheet HTML 13Page - Texas Instruments DAC8541 Datasheet HTML 14Page - Texas Instruments DAC8541 Datasheet HTML 15Page - Texas Instruments DAC8541 Datasheet HTML 16Page - Texas Instruments DAC8541 Datasheet HTML 17Page - Texas Instruments DAC8541 Datasheet HTML 18Page - Texas Instruments DAC8541 Datasheet HTML 19Page - Texas Instruments DAC8541 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
DAC8541
SLAS353 − DECEMBER 2001
16
www.ti.com
THEORY OF OPERATION
power-down modes
The DAC8541 utilizes four modes of operation. These modes are programmable via two inputs (PD1 and PD0)
to the device. Table 3 shows how the state of these pins correspond to the mode of operation of the DAC8541.
Table 3. Modes of Operation for the DAC8541
PD1
PD0
OPERATING MODE
0
0
Normal operation
POWER-DOWN MODES
0
1
1 k
Ω to AGND
1
0
100 k
Ω to AGND
1
1
High impedance
When both pins are set to 0, the device works normally with its typical power consumption of 250
µA at
AVDD = 5 V. However, for the three power-down modes, the supply current falls to 200 nA at AVDD = 5 V (50 nA
at AVDD = 3 V). Not only does the supply current fall, but the VOUT terminal is internally switched from the output
of the amplifier to a resistor network of known values. This has the advantage that the output impedance of the
device is known while in power-down mode. There are three different options: The output is connected internally
to AGND through a 1-k
Ω resistor, it is connected to AGND through a 100-kΩ resistor, or it is left open-circuited
(high impedance). The output stage is illustrated in Figure 31.
_
+
DAC
Powerdown
Circuitry
Amplifier
Resistor
Network
VOUT
VOUTSense
Figure 31. Output Stage During Power Down (High-Impedance)
All analog circuitry is shut down when a power-down mode is activated. However, the contents of the DAC
register are unaffected when in power-down. This allows the DAC’s output voltage to return to the previous level
when power-up resumes. The delay time required to exit power-down is typically 2.5
µs for AVDD = 5 V and 5
µs for AVDD = 3 V. (See the typical curves section for additional information.)
voltage reference inputs
Two voltage inputs provide the reference set points for the DAC architecture. These are VREFH and VREFL. For
typical rail-to-rail operation, VREFH should be equivalent to AVDD and VREFL tied to AGND. The output voltage
is given by:
V
OUT +
V
REF
H
* 2
V
REF
L
The use of the VREFL input allows minor adjustments to be made to the offset of the DAC output by applying
a small voltage to the VREFL input. The acceptable range is between −100 mV and 100 mV with respect to
AGND. A low output impedance source is needed, so that the accuracy of the DAC over its operating range is
not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com