Electronic Components Datasheet Search
  English  ▼

X  

DAC8541 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541
Description  16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC8541 Datasheet HTML 13Page - Texas Instruments DAC8541 Datasheet HTML 14Page - Texas Instruments DAC8541 Datasheet HTML 15Page - Texas Instruments DAC8541 Datasheet HTML 16Page - Texas Instruments DAC8541 Datasheet HTML 17Page - Texas Instruments DAC8541 Datasheet HTML 18Page - Texas Instruments DAC8541 Datasheet HTML 19Page - Texas Instruments DAC8541 Datasheet HTML 20Page - Texas Instruments DAC8541 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DAC8541
SLAS353 − DECEMBER 2001
17
www.ti.com
THEORY OF OPERATION
analog and digital supplies
The DAC8541 utilizes two separate supplies for operation. The analog supply (AVDD) powers the output buffer
and DAC while the digital supply (DVDD) sets the I/O voltage thresholds. Refer to the device specification table
for additional information. AVDD can operate from 2.7 V to 5.5 V while DVDD can independently function from
1.8 V to 5.5 V. The control and data I/O thresholds are determined by DVDD and are given in the electrical
characteristics section.
APPLICATION INFORMATION
host processor interfacing
DAC8541 to MSP430 microcontroller
Figure 32 shows a typical parallel interface connection between the DAC8541 and a MSP430 microcontroller.
The setup for the interface shown uses ports 4 and 5 of the MSP430 to send or receive the 16-bit data while
bits 0−7 of port 2 provides the control signals for the DAC. When data is to be transmitted to the DAC8541, the
data is made available to the DAC via P4 and P5 and P2.1 is taken low. The MSP430 then toggles P2.0 from
high-to-low and back to high, transferring the 16-bit data to the DAC. This data is loaded into the DAC register
by applying a rising edge to P2.4. The remaining five I/O signals of P2 shown in the figure control the reset,
power-down, and data format functions of the DAC. Depending on the specific requirements of a given
application, these pins may be tied to DGND or DVDD, enabling the desired mode of operation.
8 Bits
8 Bits
16 Bits
D[15:0]
CS
R/W
RST
RSTSEL
LDAC
PD0
PD1
BTC/USB
VREFL
DGND
AVDD
DVDD
VOUTSENSE
VOUT
VREFH
AGND
(Other Connections Omitted for Clarity)
0.1
µF
1 to 10
µF
0.1
µF
10
µF
0.1
µF
10
µF
AVDD
DVDD
VOUT
VREF
P4[0:7]
P5[0:7]
P2:0
P2:1
P2:2
P2:3
P2:4
P2:5
P2:6
P2:7
MSP430F149
DAC8541
Figure 32. DAC8541 to MSP430 Microcontroller
DAC8541 to TMS320C5402 DSP
Figure 33 shows the connections between the DAC8541 and the TMS320C5402 digital signal processor. Data
is provided via the parallel data bus of the DSP while the DAC’s CS control input is derived from the decoded
I/O strobe signal. The IOSTRB in addition to the R/W and XF(I/O) signals control the data transmission to and
from the DAC as well as the LDAC control. With additional decoding, multiple DAC8541’s can be connected
to the same parallel data bus of the DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com