Electronic Components Datasheet Search
  English  ▼

X  

G5562 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G5562
Description  Bias Power Supply with High-Speed Amplifier and High-Accuracy LDO for LCD TVs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5562 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G5562 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5562 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5562 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5562 Datasheet HTML 4Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ver: 0.4
Dec 20, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5562A
Global Mixed-mode Technology
Bias Power Supply with High-Speed Amplifier and
High-Accuracy LDO for LCD TVs
Features
8V to 14V Input Voltage Range
500kHz/750kHz Fixed Switching Frequency
VS Step-Up Converter
Current Mode
1% Feedback Accuracy
Output Voltage Range up to 20V
3A Switch Current
Adjustable Soft Start
Adjustable Current Limit
VLOGIC Step-Down Converter
Current Mode
1% Feedback Accuracy
2.5A Switch Current
2.5ms Internal Soft Start
150mA Negative Charge Pump Driver for VGL
150mA Positive Charge Pump Driver for VGH
Integrated High Voltage Switch for Gate Volt-
age Shaping
High Voltage LDO for VREF
0.5% Feedback Accuracy
0.5V Dropout at 60mA Output Current
High-Speed Operational Amplifier
20MHz -3dB Bandwidth
45 V/µs Slew Rate
±200-mA Short-Circuit Current
Gate Drive Signal to Drive External MOSFET
XAO Comparator
Thermal Shutdown
Available in 7mmx7mm 48-pin TQFN Package
Applications
LCD TV Panels
General Description
The G5562A DC-DC converter provides regulated volt-
ages required by thin-film transistor (TFT) liquid crystal
displays (LCD) panels in TQFN package. One step-up
converter, one step-down converter, and two charge
pumps convert the 8V to 14V input voltage into four
output voltages. These features complete the power-
supply requirements of large screen LCD panels. The
step-up converter provides source voltages VS and the
step-down converter provides logic voltage for the sys-
tem. The dual charge pumps independently generate
adjustable regulated output voltages VGL and VGH to
bias the LCD. These four blocks operate with a fixed
switching frequency of 500kHz or 750kHz.
Both step-up and step-down converters operate in
asynchronous switch mode. Current mode control pro-
vides fast transient response and eases loop stabiliza-
tion. Fault protection includes cycle-by-cycle current
limit, thermal shutdown, and output-fault shutdown.
Current mode control is used for both charge pumps to
regulate its output voltage, which minimizes output
ripple and capacitor sizes. High voltage switch is used
for gate voltage shaping to improve TFT-LCD display
quality.
The G5562A includes one high-speed high-current
operational amplifier and one high-accuracy LDO for
Gamma buffer reference.
The G5562A is available in a 48-pin TQFN package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5562AR11U
5562A
-40°C~ +85°C
TQFN7X7-48
Note: R1: TQFN7X7-48
1: Bonding Code
U: Tape & Reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com