Electronic Components Datasheet Search
  English  ▼

X  

G5562 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5562
Description  Bias Power Supply with High-Speed Amplifier and High-Accuracy LDO for LCD TVs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5562 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5562 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5562 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5562 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5562 Datasheet HTML 4Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ver: 0.2
Mar 03, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5562
Global Mixed-mode Technology Inc.
Bias Power Supply with High-Speed Amplifier and
High-Accuracy LDO for LCD TVs
Features
8V to 14V Input Voltage Range
500kHz/750kHz Fixed Switching Frequency
VS Step-Up Converter
Current Mode
1% Feedback Accuracy
Output Voltage Range up to 20V
3A Switch Current
Adjustable Soft Start
Adjustable Current Limit
VLOGIC Step-Down Converter
Current Mode
1% Feedback Accuracy
2.5A Switch Current
2.5ms Internal Soft Start
150mA Negative Charge Pump Driver for VGL
150mA Positive Charge Pump Driver for VGH
Integrated High Voltage Switch for Gate Volt-
age Shaping
High Voltage LDO for VREF
0.5% Feedback Accuracy
0.5V Dropout at 60mA Output Current
High-Speed Operational Amplifier
20MHz -3dB Bandwidth
45 V/µs Slew Rate
±200-mA Short-Circuit Current
Gate Drive Signal to Drive External MOSFET
XAO Comparator
Thermal Shutdown
Available in 7mmx7mm 48-pin TQFN Package
Applications
LCD TV Panels
General Description
The G5562 DC-DC converter provides regulated volt-
ages required by thin-film transistor (TFT) liquid crystal
displays (LCD) panels in TQFN package. One step-up
converter, one step-down converter, and two charge
pumps convert the 8V to 14V input voltage into four
output voltages. These features complete the power-
supply requirements of large screen LCD panels. The
step-up converter provides source voltages VS and the
step-down converter provides logic voltage for the sys-
tem. The dual charge pumps independently generate
adjustable regulated output voltages VGL and VGH to
bias the LCD. These four blocks operate with a fixed
switching frequency of 500kHz or 750kHz.
Both step-up and step-down converters operate in
asynchronous switch mode. Current mode control pro-
vides fast transient response and eases loop stabiliza-
tion. Fault protection includes cycle-by-cycle current
limit, thermal shutdown, and output-fault shutdown.
Current mode control is used for both charge pumps to
regulate its output voltage, which minimizes output
ripple and capacitor sizes. High voltage switch is used
for gate voltage shaping to improve TFT-LCD display
quality.
The G5562 includes one high-speed high-current op-
erational amplifier and one high-accuracy LDO for
Gamma buffer reference.
The G5562 is available in a 48-pin TQFN package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5562R11U
5562
-40°C~ +85°C
TQFN7X7-48
Note: R1: TQFN7X7-48
1: Bonding Code
U: Tape & Reel


Similar Part No. - G5562

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G556 GMT-G556 Datasheet
73Kb / 1P
Dual Power Distribution Switch
G5561A GMT-G5561A Datasheet
152Kb / 2P
Quad-Output TFT LCD Bias DC-DC Converter
G5565 GMT-G5565 Datasheet
122Kb / 1P
Quad-Output TFT LCD Bias Power
G5567 GMT-G5567 Datasheet
118Kb / 1P
6-CH Bias Power Supply for LCD TVs
More results

Similar Description - G5562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
G5567 GMT-G5567 Datasheet
118Kb / 1P
6-CH Bias Power Supply for LCD TVs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com