Electronic Components Datasheet Search
  English  ▼

X  

MMBT3906 Datasheet(PDF) 4 Page - Diotech Company.

Part # MMBT3906
Description  PNP GENERAL PURPOSE SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MMBT3906 Datasheet(HTML) 4 Page - Diotech Company.

  MMBT3906 Datasheet HTML 1Page - Diotech Company. MMBT3906 Datasheet HTML 2Page - Diotech Company. MMBT3906 Datasheet HTML 3Page - Diotech Company. MMBT3906 Datasheet HTML 4Page - Diotech Company. MMBT3906 Datasheet HTML 5Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBT3906
RATINGS AND CHARACTERISTIC CURVES
Figure 7.
f, FREQUENCY (kHz)
2.0
3.0
4.0
5.0
1.0
0
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
Figure 8.
RS, SOURCE RESISTANCE ( k OHMS )
0
4
6
8
10
12
2
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
SOURCE RESISTANCE=200
IC=1.0 mA
SOURCE RESISTANCE=200
IC=0.5 mA
SOURCE RESISTANCE=2.0 K
SOURCE RESISTANCE=2.0 K
IC=50uA
f = 1.0 KHZ
IC =1.0 mA
IC =0.5 mA
IC =50 uA
IC =100 uA
TYPICAL TRANSIENT CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE= -5.0Vdc, TA=25
oC, Bandwidth=1.0HZ)
h PARAMETERS
(VCE= -10Vdc, f=1.0 kHZ, TA=25
oC)
Figure 9. Current Gain
IC, COLLECTOR CURRENT ( mA )
Figure 10. Output Admittance
Figure 11. Input Impedance
Figure 12. Voltage Feedback Ratio
IC, COLLECTOR CURRENT ( mA )
IC, COLLECTOR CURRENT ( mA )
IC, COLLECTOR CURRENT ( mA )
70
100
200
300
50
30
100
50
10
20
30
7
5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
2.0
3.0
5.0
7.0
10
1.0
0.5
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0 7.0 10
0.3
0.5 0.7
3.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com