Electronic Components Datasheet Search
  English  ▼

X  

MMBT3906 Datasheet(PDF) 1 Page - Diotech Company.

Part # MMBT3906
Description  PNP GENERAL PURPOSE SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MMBT3906 Datasheet(HTML) 1 Page - Diotech Company.

  MMBT3906 Datasheet HTML 1Page - Diotech Company. MMBT3906 Datasheet HTML 2Page - Diotech Company. MMBT3906 Datasheet HTML 3Page - Diotech Company. MMBT3906 Datasheet HTML 4Page - Diotech Company. MMBT3906 Datasheet HTML 5Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBT3906
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
Voltage - -40 Volts
Power Dissipation - 300 mWatt
FEATURES
MECHANICAL DATA
●
Epitaxial Planar Die Construction
●
Complementary NPN Type Available
(MMBT3904)
●
Ideal for Medium Power Amplification and
Switching
●
Case: SOT-23, Molded Plastic
●
Case Material - UL Flammability Rating
Classification 94V-0
●
Terminals: Solderable per MIL-STD-202,
Method 208
●
Marking: Device Code
●
Weight: 0.008 grams (approx.)
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
C
B
E
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
0
8
All Dimensions in mm
1
2
3
Top View
3
Collector
1
Base
2
Emitter
●
℃
Parameter
Symbol
Limits
Unit
Collector–Emitter Voltage
VCEO
-40
Vdc
Collector–Base Voltage
VCBO
-60
Vdc
Emitter–Base Voltage
VEBO
-5
Vdc
Collector Current — Continuous
IC
-200
mAdc
●
THERMAL CHARACTERISTICS
Total Device Dissipation,
PD
225
mW
A
= 25°C
Derate above 25°C
1.8
mW/℃
Thermal Resistance,
RΘJA
556
℃
/W
Junction–to–Ambient(Note 1)
Total Device Dissipation,
PD
300
mW
Alumina Substrate (Note 2) @ TA = 25°C
Derate above 25°C
2.4
mW/℃
Thermal Resistance,
RΘJA
417
℃
/W
Junction–to–Ambient(Note 2)
Junction and Storage temperature
TJ,Tstg
−55∼
+150
℃
1. FR–5 = 1.0×0.75×0.062 in.
2. Alumina = 0.4×0.3×0.024 in. 99.5% alumina.
MAXIMUM RATING (Ta = 25 )
FR-5 Board (Note1) @T
1
2
3
EMITTER
BASE
COLLECTOR
E
B
C


Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
PNP switching transistor
2000 Apr 11
logo
STMicroelectronics
MMBT3906 STMICROELECTRONICS-MMBT3906 Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Jun-2002
logo
Transys Electronics
MMBT3906 TRSYS-MMBT3906 Datasheet
202Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT3906 FAIRCHILD-MMBT3906 Datasheet
49Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com