Electronic Components Datasheet Search
  English  ▼

X  

PE44993 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44993
Description  7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44993 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44993 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44993 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44993 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular PE44993
URL: http://www.pasternack.com/7-16-male-standard-7-8-inch-annular-connector-pe44993-p.aspx
7/16 DIN Male Connector Clamp/Solder
Attachment For 7/8 inch Annular
PE44993
PE44993 REV 1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com