Electronic Components Datasheet Search
  English  ▼

X  

PE44993 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44993
Description  7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44993 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44993 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44993 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44993 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
7/16 DIN Male
Connector Interface Type
7/8 inch Annular
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Operating Voltage, Volts
2,700
Maximum Passive Intermodulation (2 x 20 Watts), dBc
-160
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
2.05 [52.07]
Width/Dia., in [mm]
1.4 [35.56]
.
Connector
Type
7/16 DIN Male
Contact Material and Plating
Brass, Silver
Contact Plating Specification
5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
5µ in. minimum
Hex Size, in.
1 1/4
Body Material and Plating
Brass, Nickel
Body Plating Specification
5µ in. minimum
Dielectric Type
TPX
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular PE44993
PE44993
PE44993 REV 1.0
7/16 DIN Male Connector Clamp/Solder
Attachment For 7/8 inch Annular


Similar Part No. - PE44993

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4499 PASTERNACK-PE4499 Datasheet
868Kb / 2P
SHV Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4499 PASTERNACK-PE4499 Datasheet
347Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment
PE44994 PASTERNACK-PE44994 Datasheet
224Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44995 PASTERNACK-PE44995 Datasheet
316Kb / 2P
N Male Connector Clamp - Solder Attachment For 1 - 2 inch Annular, IP 67 Rated
PE44996 PASTERNACK-PE44996 Datasheet
420Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment for RG402, PE-P141, PE-SR402FLJ
More results

Similar Description - PE44993

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44557 PASTERNACK-PE44557 Datasheet
349Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44563 PASTERNACK-PE44563 Datasheet
336Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44566 PASTERNACK-PE44566 Datasheet
330Kb / 2P
N Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44571 PASTERNACK-PE44571 Datasheet
369Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44277 PASTERNACK-PE44277 Datasheet
217Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG218
PE44568 PASTERNACK-PE44568 Datasheet
215Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44976 PASTERNACK-PE44976 Datasheet
274Kb / 3P
N Male Connector Clamp Attachment For 7 - 8 inch Annular, 7/8 inch Helical, 7/8 inch Superflexible, 7/8 inch Flexible
PE44558 PASTERNACK-PE44558 Datasheet
227Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44561 PASTERNACK-PE44561 Datasheet
333Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE4567 PASTERNACK-PE4567 Datasheet
401Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com