Electronic Components Datasheet Search
  English  ▼

X  

S4580 Datasheet(PDF) 3 Page - AUK corp

Part # S4580
Description  Dual OP AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S4580 Datasheet(HTML) 3 Page - AUK corp

  S4580 Datasheet HTML 1Page - AUK corp S4580 Datasheet HTML 2Page - AUK corp S4580 Datasheet HTML 3Page - AUK corp S4580 Datasheet HTML 4Page - AUK corp S4580 Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KSI-K005-001
3
S4580
Electrical Characteristic Curves
Fig. 6 EN - f
Fig. 5 VOM - RL
Fig. 4 VOM - VCC/VEE
Fig. 3 IIB - Ta
Fig. 1 GV - f
Fig. 2 VOP-P - f
(Vcc/VEE=±15V,RL=2 ㏀,40dBAmp,Ta=25℃)
(Vcc/VEE=±15V,RL=2 ㏀,Ta=25℃)
(Vcc/VEE=±15V)
(RL=2 ㏀,Ta=25℃)
(Vcc/VEE=±15V,Ta=25℃)
(Vcc/VEE=±15V,RS=50 ㏀,Av=60dB,Ta=25℃)
(℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com