Electronic Components Datasheet Search
  English  ▼

X  

S4580 Datasheet(PDF) 1 Page - AUK corp

Part # S4580
Description  Dual OP AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S4580 Datasheet(HTML) 1 Page - AUK corp

  S4580 Datasheet HTML 1Page - AUK corp S4580 Datasheet HTML 2Page - AUK corp S4580 Datasheet HTML 3Page - AUK corp S4580 Datasheet HTML 4Page - AUK corp S4580 Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSI-K005-001
1
S4580
Dual OP AMP
F
Description
S4580 is the dual operational amplifier, specially designed for improving the tone control,
which is most suitable for the audio application. Featuring noiseless, higher gain bandwidth,
high output current and low distortion ratio, and it is most suitable not only for acoustic
electronic parts of audio pre-amp and active filter, but also for the industrial measurement
tools. It is also suitable for the head phone amp at higher output current, and further more,
it can be applied for the handy type set operational amplifier of general purpose in
application of low voltage single supply type which is properly biased of the input low
voltage source.
Features
• Operating voltage.
(±2V ~ ±18V)
• Low input noise voltage.
(0.8 ㎶ rms typ.)
• Wide gain bandwidth product.
(15MHz typ.)
• Low distortion.
(0.0005% typ.)
• Slew rate.
(5V/㎲ typ.)
Ordering Information
Type NO.
Marking
Package Code
S4580
S4580
SOP-8
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
Block Diagram


Similar Part No. - S4580

ManufacturerPart #DatasheetDescription
logo
AUK corp
S4580 AUK-S4580 Datasheet
364Kb / 4P
Dual OP AMP
logo
KODENSHI_AUK CORP.
S4580 KODENSHI-S4580 Datasheet
348Kb / 7P
dudal operational amplifer, speciallydesigned for improving the tone cotrol, which is most suitable for the audio application
logo
List of Unclassifed Man...
S4580-04 ETC-S4580-04 Datasheet
1Mb / 16P
POSITION SENSITIVE DETECTOR
S4580-06 ETC-S4580-06 Datasheet
1Mb / 16P
POSITION SENSITIVE DETECTOR
logo
AUK corp
S4580P AUK-S4580P Datasheet
364Kb / 4P
Dual OP AMP
More results

Similar Description - S4580

ManufacturerPart #DatasheetDescription
logo
AUK corp
S4580P AUK-S4580P Datasheet
364Kb / 4P
Dual OP AMP
logo
Linear Technology
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
Dual Precision Op Amp
logo
KODENSHI_AUK CORP.
S4580P KODENSHI-S4580P Datasheet
147Kb / 5P
Dual OP AMP
SN4580 KODENSHI-SN4580 Datasheet
218Kb / 7P
Dual OP AMP
logo
Guangdong Youtai Semico...
LM158DR UMW-LM158DR Datasheet
470Kb / 5P
Dual op amp
LM258DR UMW-LM258DR Datasheet
469Kb / 5P
Dual op amp
LM2904DR UMW-LM2904DR Datasheet
466Kb / 5P
Dual op amp
LM358A UMW-LM358A Datasheet
397Kb / 5P
Dual op amp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com