Electronic Components Datasheet Search
  English  ▼

X  

MTP1302 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MTP1302
Description  N?묬hannel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP1302 Datasheet(HTML) 5 Page - ON Semiconductor

  MTP1302 Datasheet HTML 1Page - ON Semiconductor MTP1302 Datasheet HTML 2Page - ON Semiconductor MTP1302 Datasheet HTML 3Page - ON Semiconductor MTP1302 Datasheet HTML 4Page - ON Semiconductor MTP1302 Datasheet HTML 5Page - ON Semiconductor MTP1302 Datasheet HTML 6Page - ON Semiconductor MTP1302 Datasheet HTML 7Page - ON Semiconductor MTP1302 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MTP1302
http://onsemi.com
5
QG, TOTAL GATE CHARGE (nC)
RG, GATE RESISTANCE (OHMS)
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
1.0
10
100
1000
100
1.0
VDD = 15 V
ID = 20 A
VGS = 10 V
TJ = 25°C
tr
tf
td(on)
td(off)
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
0
4.0
8.0
16
26
30
12
20
10
6.0
2.0
0
8.0
4.0
14
18
12
9.0
6.0
3.0
0
QT
Q2
VGS
ID = 20 A
TJ = 25°C
VDS
Q3
Q1
15
12
10
2.0
6.0
10
18
14
22 24
28
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
The switching characteristics of a MOSFET body diode
are very important in systems using it as a freewheeling or
commutating diode. Of particular interest are the reverse
recovery characteristics which play a major role in
determining switching losses, radiated noise, EMI and RFI.
System switching losses are largely due to the nature of
the body diode itself. The body diode is a minority carrier
device, therefore it has a finite reverse recovery time, trr, due
to the storage of minority carrier charge, QRR, as shown in
the typical reverse recovery wave form of Figure 15. It is this
stored charge that, when cleared from the diode, passes
through a potential and defines an energy loss. Obviously,
repeatedly forcing the diode through reverse recovery
further increases switching losses. Therefore, one would
like a diode with short trr and low QRR specifications to
minimize these losses.
The abruptness of diode reverse recovery effects the
amount of radiated noise, voltage spikes, and current
ringing. The mechanisms at work are finite irremovable
circuit parasitic inductances and capacitances acted upon by
high di/dts. The diode’s negative di/dt during ta is directly
controlled by the device clearing the stored charge.
However, the positive di/dt during tb is an uncontrollable
diode characteristic and is usually the culprit that induces
current ringing. Therefore, when comparing diodes, the
ratio of tb/ta serves as a good indicator of recovery
abruptness and thus gives a comparative estimate of
probable noise generated. A ratio of 1 is considered ideal and
values less than 0.5 are considered snappy.
Compared to ON Semiconductor standard cell density
low voltage MOSFETs, high cell density MOSFET diodes
are faster (shorter trr), have less stored charge and a softer
reverse recovery characteristic. The softness advantage of
the high cell density diode means they can be forced through
reverse recovery at a higher di/dt than a standard cell
MOSFET diode without increasing the current ringing or the
noise generated. In addition, power dissipation incurred
from switching the diode will be less due to the shorter
recovery time and lower switching losses.
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
0.40
0.60
0.80
0
8.0
12
16
20
Figure 10. Diode Forward Voltage versus Current
4.0
0.50
0.70
0.90
0.55
0.75
0.45
0.65
0.85
6.0
10
14
18
2.0
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com