Electronic Components Datasheet Search
  English  ▼

X  

MTP1302 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTP1302
Description  N?묬hannel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP1302 Datasheet(HTML) 1 Page - ON Semiconductor

  MTP1302 Datasheet HTML 1Page - ON Semiconductor MTP1302 Datasheet HTML 2Page - ON Semiconductor MTP1302 Datasheet HTML 3Page - ON Semiconductor MTP1302 Datasheet HTML 4Page - ON Semiconductor MTP1302 Datasheet HTML 5Page - ON Semiconductor MTP1302 Datasheet HTML 6Page - ON Semiconductor MTP1302 Datasheet HTML 7Page - ON Semiconductor MTP1302 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. XXX
1
Publication Order Number:
MTP1302/D
MTP1302
Preferred Device
Power MOSFET
42 Amps, 30 Volts
N−Channel TO−220
This Power MOSFET is designed to withstand high energy in the
avalanche and commutation modes. The energy efficient design also
offers a drain−to−source diode with a fast recovery time. Designed for
low voltage, high speed switching applications in power supplies,
converters and PWM motor controls, these devices are particularly
well suited for bridge circuits where diode speed and commutating
safe operating area are critical and offer additional safety margin
against unexpected voltage transients.
• Avalanche Energy Specified
• Source−to−Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
• Diode Is Characterized for Use In Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate−to−Source Voltage
− Continuous
− Non−Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 20
Vdc
Vpk
Drain Current − Continuous
Drain Current − Continuous @ 100°C
Drain Current − Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
42
20
126
Adc
Apk
Total Power Dissipation
Derate above 25°C
PD
74
0.592
Watts
W/°C
Operating and Storage Temperature
Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, Peak
IL = 42 Apk, L = 0.25 mH, RG = 25 Ω)
EAS
220
mJ
Thermal Resistance
Junction to Case
Junction−to−Ambient
RθJC
RθJA
1.67
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from Case for 5 seconds
TL
260
°C
42 AMPERES
30 VOLTS
RDS(on) = 22 mΩ
Device
Package
Shipping
ORDERING INFORMATION
MTP1302
TO−220AB
50 Units/Rail
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
http://onsemi.com
N−Channel
D
S
G
MARKING DIAGRAM
& PIN ASSIGNMENT
MTP1302
= Device Code
LL
= Location Code
Y
= Year
WW
= Work Week
MTP1302
LLYWW
1
Gate
3
Source
4
Drain
2
Drain
Preferred devices are recommended choices for future use
and best overall value.


Similar Part No. - MTP1302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP1302 MOTOROLA-MTP1302 Datasheet
166Kb / 8P
TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
logo
Inchange Semiconductor ...
MTP1302 ISC-MTP1302 Datasheet
394Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MTP1302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com