Electronic Components Datasheet Search
  English  ▼

X  

TWS-CS-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TWS-CS-2
Description  Wireless Narrow Band Transmitter Module (RF ASK)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TWS-CS-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TWS-CS-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TWS-CS-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TWS-CS-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
TWS-CS Series Datasheet
P.2
Absolute Maximum Rating
Rating
Value
Unit
Power Supply and All Input/Output Pins
-0.3 to 12.0
V
Non-Operating Case Temperature
-10 to +70
℃
Soldering Temperature(10 seconds)
230
℃
Electrical Characteristic
Characteristic
Sym
Min
Type
Max
Unit
Operating Frequency
(±300KHz)
Vcc
433.62
433.92
434.22
MHz
Data Rate
ASK
8K
Kbps
Transmitter
Performance(OOK@2.4kbps)
Peak Input Current,12 Vdc
Supply
ITP
35
mA
Peak Output Power
PO
10
mW
Turn On/ Turn Off Time
ON/
OFF
1
US
Power Supply Voltage Range
Vcc
3
12
VDC
Operating Ambient
Temperature
TA
-10
+70
℃
Tx Antenna Out 3V ~12V
-1.7
17
dBm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com